Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKCM25X5R1A473M Datasheet(PDF) 4 Page - SAMWHA ELECTRIC

Part # CKCM25X5R1A473M
Description  CKC Series Commercial Grade 2 in 1 Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CKCM25X5R1A473M Datasheet(HTML) 4 Page - SAMWHA ELECTRIC

  CKCM25X5R1A473M Datasheet HTML 1Page - SAMWHA ELECTRIC CKCM25X5R1A473M Datasheet HTML 2Page - SAMWHA ELECTRIC CKCM25X5R1A473M Datasheet HTML 3Page - SAMWHA ELECTRIC CKCM25X5R1A473M Datasheet HTML 4Page - SAMWHA ELECTRIC CKCM25X5R1A473M Datasheet HTML 5Page - SAMWHA ELECTRIC CKCM25X5R1A473M Datasheet HTML 6Page - SAMWHA ELECTRIC CKCM25X5R1A473M Datasheet HTML 7Page - SAMWHA ELECTRIC CKCM25X5R1A473M Datasheet HTML 8Page - SAMWHA ELECTRIC CKCM25X5R1A473M Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
• All specifications are subject to change without notice.
CKCN27(C0906)[EIA CC0302]
JB
X5R
0J
(6.3V)
0J
(6.3V)
100,000
104
M: ± 20%
0.45 mm
CKCM25(C1310)[EIA CC0504]
C0G
CH
2A
(100V)
1H
(50V)
1H
(50V)
10
100
F: ± 1pF
K: ± 10%
M: ± 20%
15
150
22
220
33
330
47
470
68
680
100
101
0.60 mm
0.80 mm
JB
X5R
X7R
X8R
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1H
(50V)
220
221
F: ± 1pF
K: ± 10%
M: ± 20%
330
331
470
471
680
681
1,000
102
1,500
152
2,200
222
3,300
332
4,700
472
6,800
682
10,000
103
22,000
223
47,000
473
100,000
104
220,000
224
470,000
474
1,000,000
105
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: JB (± 10%), X5R (± 15%)
Rated Voltage: 6.3V (0J)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), CH (0 ± 60ppm/ºC)
Rated Voltage: 100V (2A), 50V (1H)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
Capacitance
(pF)
Code
Tolerance
Capacitance Range Chart
Temperature Characteristics: JB (± 10%), X5R (± 15%), X7R (±15%), X8R (±15%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Page 3
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20140112 / mlcc_commercial_2array_en


Similar Part No. - CKCM25X5R1A473M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCM25X5R1A473M060AA TDK-CKCM25X5R1A473M060AA Datasheet
210Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCM25X5R1A473M060AK TDK-CKCM25X5R1A473M060AK Datasheet
210Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCM25X5R1A473M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43X5R0J105M100AA TDK-CKCA43X5R0J105M100AA Datasheet
1Mb / 8P
   CKC Series Commercial Grade 4 in 1 Array
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
logo
Kemet Corporation
HVZ0E107NF-LT KEMET-HVZ0E107NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 100 F, 30%, 2.7 V, 2 Pin, 10mm
HVZ0E207NF-LT KEMET-HVZ0E207NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 200 F, 30%, 2.7 V, 2 Pin, 10mm
logo
Electronic devices inc.
1W005 EDI-1W005 Datasheet
116Kb / 1P
   EDI Single-1 to 12 Amperes Commercial Grade Bridges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com