Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKCL22C0G1H470K085AA Datasheet(PDF) 7 Page - SAMWHA ELECTRIC

Part # CKCL22C0G1H470K085AA
Description  CKC Series Commercial Grade 2 in 1 Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CKCL22C0G1H470K085AA Datasheet(HTML) 7 Page - SAMWHA ELECTRIC

Back Button CKCL22C0G1H470K085AA Datasheet HTML 2Page - SAMWHA ELECTRIC CKCL22C0G1H470K085AA Datasheet HTML 3Page - SAMWHA ELECTRIC CKCL22C0G1H470K085AA Datasheet HTML 4Page - SAMWHA ELECTRIC CKCL22C0G1H470K085AA Datasheet HTML 5Page - SAMWHA ELECTRIC CKCL22C0G1H470K085AA Datasheet HTML 6Page - SAMWHA ELECTRIC CKCL22C0G1H470K085AA Datasheet HTML 7Page - SAMWHA ELECTRIC CKCL22C0G1H470K085AA Datasheet HTML 8Page - SAMWHA ELECTRIC CKCL22C0G1H470K085AA Datasheet HTML 9Page - SAMWHA ELECTRIC CKCL22C0G1H470K085AA Datasheet HTML 10Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
• All specifications are subject to change without notice.
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
CatalogNumber
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
1 nF
1310
0.60±0.10
±20%
CKCM25JB1H102M060AA
2012
0.85±0.15
±20%
CKCL22JB1H102M085AA
2.2 nF
1310
0.60±0.10
±20%
CKCM25JB1H222M060AA
2012
0.85±0.15
±20%
CKCL22JB1H222M085AA
4.7 nF
1310
0.60±0.10
±20%
CKCM25JB1H472M060AA
2012
0.85±0.15
±20%
CKCL22JB1H472M085AA
10 nF
1310
0.60±0.10
±20%
CKCM25JB1E103M060AA
2012
0.85±0.15
±20%
CKCL22JB1H103M085AA
22 nF
1310
0.60±0.10
±20%
CKCM25JB1C223M060AA
2012
0.85±0.15
±20%
CKCL22JB1H223M085AA
47 nF
2012
0.85±0.15
±20%
CKCL22JB1H473M085AA
CKCL22JB1E473M085AA
100 nF
2012
0.85±0.15
±20%
CKCL22JB1H104M085AB
CKCL22JB1E104M085AA
220 nF
2012
0.85±0.15
±20%
CKCL22JB1C224M085AA
1μF
2012
0.85±0.15
±20%
CKCL22JB1C105M085AB
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
CatalogNumber
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
1 nF
1310
0.60±0.10
±20%
CKCM25X5R1H102M060AA
2012
0.85±0.15
±20%
CKCL22X5R1H102M085AA
2.2 nF
1310
0.60±0.10
±20%
CKCM25X5R1H222M060AA
2012
0.85±0.15
±20%
CKCL22X5R1H222M085AA
4.7 nF
1310
0.60±0.10
±20%
CKCM25X5R1H472M060AA
2012
0.85±0.15
±20%
CKCL22X5R1H472M085AA
10 nF
1310
0.60±0.10
±20%
CKCM25X5R1E103M060AA
2012
0.85±0.15
±20%
CKCL22X5R1H103M085AA
22 nF
1310
0.60±0.10
±20%
CKCM25X5R1C223M060AA
CKCM25X5R1C223M060AK
2012
0.85±0.15
±20%
CKCL22X5R1H223M085AA
47 nF
2012
0.85±0.15
±20%
CKCL22X5R1H473M085AA CKCL22X5R1E473M085AA
100 nF
2012
0.85±0.15
±20%
CKCL22X5R1H104M085AB CKCL22X5R1E104M085AA
220 nF
2012
0.85±0.15
±20%
CKCL22X5R1C224M085AA
CKCL22X5R1C224M085AK
1μF
2012
0.85±0.15
±20%
CKCL22X5R1C105M085AC
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
CatalogNumber
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
47 nF
1310
0.60±0.10
±20%
CKCM25JB1A473M060AA
100 nF
0906
0.45±0.05
±20%
CKCN27JB0J104M045BK
1310
0.60±0.10
±20%
CKCM25JB0J104M060AA
220 nF
1310
0.60±0.10
±20%
CKCM25JB0J224M060AA
470 nF
1310
0.80±0.10
±20%
CKCM25JB0J474M080AA
2012
0.85±0.15
±20%
CKCL22JB1A474M085AA
1μF
1310
0.80±0.10
±20%
CKCM25JB0J105M080AA
2012
0.85±0.15
±20%
CKCL22JB0J105M085AA
2.2μF
2012
0.85±0.15
±20%
CKCL22JB0J225M085AA
Class 2 (Temperature Stable)
TemperatureCharacteristics:JB(-25to+85ºC,±10%)
Class 2 (Temperature Stable)
TemperatureCharacteristics:X5R(-55to+85ºC,±15%)
Page 6
004-01 / 20140112 / mlcc_commercial_2array_en
Capacitance
Range Table
MULTILAYER CERAMIC CHIP CAPACITORS


Similar Part No. - CKCL22C0G1H470K085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCL22C0G1H470K085AA TDK-CKCL22C0G1H470K085AA Datasheet
182Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCL22C0G1H470K085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43X5R0J105M100AA TDK-CKCA43X5R0J105M100AA Datasheet
1Mb / 8P
   CKC Series Commercial Grade 4 in 1 Array
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
logo
Kemet Corporation
HVZ0E107NF-LT KEMET-HVZ0E107NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 100 F, 30%, 2.7 V, 2 Pin, 10mm
HVZ0E207NF-LT KEMET-HVZ0E207NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 200 F, 30%, 2.7 V, 2 Pin, 10mm
logo
Electronic devices inc.
1W005 EDI-1W005 Datasheet
116Kb / 1P
   EDI Single-1 to 12 Amperes Commercial Grade Bridges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com