Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9486F Datasheet(PDF) 2 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 2 Page - Rohm

  BD9486F Datasheet HTML 1Page - Rohm BD9486F Datasheet HTML 2Page - Rohm BD9486F Datasheet HTML 3Page - Rohm BD9486F Datasheet HTML 4Page - Rohm BD9486F Datasheet HTML 5Page - Rohm BD9486F Datasheet HTML 6Page - Rohm BD9486F Datasheet HTML 7Page - Rohm BD9486F Datasheet HTML 8Page - Rohm BD9486F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Datasheet
Datasheet
2/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
13.Feb.2014 Rev.004
www.rohm.com
TSZ22111・15・001
BD9486F
●1.4 Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
Vccmax
20
V
STB, OVP, UVLO, PWM, ADIM
Terminal Voltage
STB, OVP, UVLO,
PWM, ADIM
20
V
SS, RT, ISENSE, FB, CS, CP,
REG50 Terminal Voltage
SS, RT, ISENSE, FB, CS,
CP, REG50
7
V
DIMOUT, GATE Terminal
Voltage
DIMOUT, GATE
VCC
V
Power Dissipation
Pd
625 (*1)
mW
Operating Temperature Range
Topr
-40 to +85
°C
Junction Temperature
Tjmax
150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
*1 In the case of mounting 1 layer glass epoxy base-plate of 70mm×70mm×1.6mm,
derate by 5.0mW/
°C when operating above Ta=25°C.
●1.5 Operating Ratings
Parameter
Symbol
Range
Unit
Power Supply Voltage
VCC
9.0 to 18.0
V
DC/DC Oscillation Frequency
fsw
50 to 800
kHz
Effective Range of ADIM Signal
VADIM
0.2 to 3.0
V
PWM Input Frequency
FPWM
90 to 2000
Hz
●1.6 Pin Configuration
●1.7 Physical Dimension and Marking Diagram
Figure 3. Pin Configuration
Figure4. Physical Dimension and Marking Diagram of SOP16
BD9486F
Lot No.


Similar Part No. - BD9486F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9486F ROHM-BD9486F Datasheet
1Mb / 38P
   1ch Boost up type White LED Driver for large LCD
BD9486F-E2 ROHM-BD9486F-E2 Datasheet
1Mb / 38P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F_16 Datasheet
1Mb / 38P
   1ch Boost up type White LED Driver for large LCD
More results

Similar Description - BD9486F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9489F ROHM-BD9489F_16 Datasheet
1Mb / 40P
   1ch Boost up type White LED Driver for large LCD
BD9408FV ROHM-BD9408FV Datasheet
1Mb / 37P
   1ch Boost Up Type White LED Driver for Large LCD
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F_16 Datasheet
1Mb / 38P
   1ch Boost up type White LED Driver for large LCD
BD9409F ROHM-BD9409F Datasheet
2Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9411F ROHM-BD9411F Datasheet
1Mb / 38P
   1ch Boost up Type White LED Driver for large LCD
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
   1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
BM531Q11 ROHM-BM531Q11 Datasheet
1Mb / 24P
   1ch Buck Type (Quasi-Resonant Control) White LED Driver for Large LCD
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com