Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9673AEFJ-E2 Datasheet(PDF) 8 Page - Rohm

Part # BD9673AEFJ-E2
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9673AEFJ-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD9673AEFJ-E2 Datasheet HTML 4Page - Rohm BD9673AEFJ-E2 Datasheet HTML 5Page - Rohm BD9673AEFJ-E2 Datasheet HTML 6Page - Rohm BD9673AEFJ-E2 Datasheet HTML 7Page - Rohm BD9673AEFJ-E2 Datasheet HTML 8Page - Rohm BD9673AEFJ-E2 Datasheet HTML 9Page - Rohm BD9673AEFJ-E2 Datasheet HTML 10Page - Rohm BD9673AEFJ-E2 Datasheet HTML 11Page - Rohm BD9673AEFJ-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/20
Datasheet
Datasheet
BD9673AEFJ
TSZ02201-0Q1Q0AJ00190-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
28.JAN.2014 Rev.003
www.rohm.com
TSZ22111・15・001
0.990 
0.992 
0.994 
0.996 
0.998 
1.000 
1.002 
1.004 
1.006 
1.008 
1.010 
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
VCC=12V
VCC=24V
VCC=42V
VCC=36V
0.990 
0.992 
0.994 
0.996 
0.998 
1.000 
1.002 
1.004 
1.006 
1.008 
1.010 
0
5
10
15
20
25
30
35
40
45
VCC[V]
Temp=105℃
Temp=25℃
Temp=‐40℃
‐60
‐50
‐40
‐30
‐20
‐10
0
10
20
30
40
50
60
00.511.52
VFB[V]
Temp=105℃
Temp=25℃
Temp=‐40℃
0
2
4
6
8
10
12
14
16
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
VCC=42V
VCC=36V
VCC=24V
VCC=12V
0
50
100
150
200
250
300
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
0
5
10
15
20
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
Figure 15. FB Threshold
Power supply Characteristics
Figure 14. FB Threshold Voltage
Temperature Characteristics
Figure 16. FB Voltage - IVC
Current Characteristics
Figure 17. Soft Start Time
Temperature Characteristics
Figure 18. Nch FET ON Resistance
Temperature Characteristics
Figure 19. Pre-charge FET ON
Resistance Temperature Characteristics


Similar Part No. - BD9673AEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9673EFJ ROHM-BD9673EFJ Datasheet
616Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9673EFJ-E2 ROHM-BD9673EFJ-E2 Datasheet
616Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD9673AEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com