Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9876AEFJ-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD9876AEFJ-E2
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9876AEFJ-E2 Datasheet(HTML) 5 Page - Rohm

  BD9876AEFJ-E2 Datasheet HTML 1Page - Rohm BD9876AEFJ-E2 Datasheet HTML 2Page - Rohm BD9876AEFJ-E2 Datasheet HTML 3Page - Rohm BD9876AEFJ-E2 Datasheet HTML 4Page - Rohm BD9876AEFJ-E2 Datasheet HTML 5Page - Rohm BD9876AEFJ-E2 Datasheet HTML 6Page - Rohm BD9876AEFJ-E2 Datasheet HTML 7Page - Rohm BD9876AEFJ-E2 Datasheet HTML 8Page - Rohm BD9876AEFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/21
Datasheet
Datasheet
BD9876AEFJ
TSZ02201-0Q1Q0AJ00170-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
28.JAN.2014 Rev.003
www.rohm.com
TSZ22111・15・001
Over Current Detect Current
Iocp
3.5
6
A
【CTL】
EN Pin Control voltage
ON
VENON
2
VCC
V
OFF
VENOFF
-0.3
0.8
V
EN Pin input current
REN
2.7
5.5
11
µA
VEN=3V
【SYNC】
SYNC Pin Control voltage
High
VSYNCH
2.0
5.5
V
Low
VSYNCL
-0.3
0.8
V
SYNC Pin input current
REN
6
12
24
µA
VSYNC=3V
SYNC falling edge to LX rising edge delay
tdelay
200
400
600
ns
◎Not designed to withstand radiation.
●Operating Ratings(Ta=25℃)
Item
Symbol
Ratings
Unit
Min
Typ
Max
Power Supply Voltage
VCC
7
42
V
Output Voltage
VOUT
1.0
(*2)
VCC×0.7
V
(*2)Restricted by minimum on pulse typ. 200ns
●Detailed Description
◇Synchronizes to External Clock
The SYNC pin can be used to synchronize the regulator to an external system clock. To implement the synchronization
feature connect a square wave to SYNC pin. The square wave amplitude must transition lower than 0.8V and higher than
2.0V on the SYNC pin and have an on time greater than 100ns and an off time greater than 100ns. The synchronization
frequency range is 200 kHz to 500 kHz. The rising edge of the LX will be synchronized to the falling edge of SYNC pin
signal after SYNC input pulse 3 count. At the synchronization, the external clock is removed, the device transitions
self-running mode after 7 microseconds.
SYNC
SYNC_LATCH
Lx
Set the latch for
synchronization
400nsec
about
7µsec
Figure 4. Timing chart at Synchronization


Similar Part No. - BD9876AEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9876EFJ-E2 ROHM-BD9876EFJ-E2 Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD9876AEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com