Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9876AEFJ-E2 Datasheet(PDF) 8 Page - Rohm

Part # BD9876AEFJ-E2
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9876AEFJ-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD9876AEFJ-E2 Datasheet HTML 4Page - Rohm BD9876AEFJ-E2 Datasheet HTML 5Page - Rohm BD9876AEFJ-E2 Datasheet HTML 6Page - Rohm BD9876AEFJ-E2 Datasheet HTML 7Page - Rohm BD9876AEFJ-E2 Datasheet HTML 8Page - Rohm BD9876AEFJ-E2 Datasheet HTML 9Page - Rohm BD9876AEFJ-E2 Datasheet HTML 10Page - Rohm BD9876AEFJ-E2 Datasheet HTML 11Page - Rohm BD9876AEFJ-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8/21
Datasheet
Datasheet
BD9876AEFJ
TSZ02201-0Q1Q0AJ00170-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
28.JAN.2014 Rev.003
www.rohm.com
TSZ22111・15・001
●Reference Data (Unless otherwise specified, Ta=25℃, VCC=24V, Vo=5V, EN=3V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
VCC=12V
VCC=24V
VCC=36
V
VCC=42V
0
0.5
1
1.5
2
0
5
10
15
20
25
30
35
40
45
VCC[V]
Temp=‐40℃
Temp=25℃
Temp=105℃
0
0.5
1
1.5
2
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
VCC=42V
VCC=36V
VCC=24V
VCC=12V
0
1
2
3
4
5
6
7
8
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
reset voltage
detect voltage
250
260
270
280
290
300
310
320
330
340
350
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
0
10
20
30
40
50
60
70
80
90
100
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
Figure 12. Oscillation Frequency
Temperature Characteristics
Figure 11. UVLO Threshold
Temperature Characteristics
Figure 13. Max Duty
Temperature Characteristics
Figure 8. Standby Current
Temperature Characteristics
Figure 10. Circuit Current
Temperature Characteristics
Figure 9. Circuit Current
Power supply Voltage Characteristics


Similar Part No. - BD9876AEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9876EFJ-E2 ROHM-BD9876EFJ-E2 Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD9876AEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com