Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX3225CA20000D0HSSZ1 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX3225CA20000D0HSSZ1
Description  Crystal Units Surface Mount Type CX3225CA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX3225CA20000D0HSSZ1 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX3225CA20000D0HSSZ1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation CX3225CA20000D0HSSZ1 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal Units
Surface Mount Type CX3225CA
3.2
×2.5mm for Automotive
RoHS Compliant
Features
• Crystal unit for automotive electronics
• Small and low profile (3.2
×2.5×0.80mm)
• Ceramic package
• Reflow compatible
• AEC-Q200 qualitied
Applications
• ECU
• TPMS
• High-Speed Automotive Network (Flex RayTM etc.)
How to Order
CX3225CA 16000 □□ □ □ □ □□
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
D0
8 pF
④ Frequency Tolerance
P
±50×10-6
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
SW
-40 to +125°C
±200×10-6
⑦ Individual Specification
Packaging (Tape & Reel 3000 pcs./ reel)
3.6
1.3
1.3
Recommended Land Pattern
(Unit: mm)
3.2
±0.1
1.2
CONNECTION
(TOP VIEW)
NC
HOT
HOT
NC
4-R0.2
#4
#3
#1
#2
#1
#2
#4
#3
1.0
1.0
#4
#3
#1
#2
Dimensions
(Unit: mm)
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
9800 to 54000
kHz
Overtone Order
OT
Fundamental
Load Capacitance
CL
8
pF
Frequency Tolerance
f_tol
±50
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
-40 to +125
°C
Storage Temp. Range
T_stg
-40 to +150
°C
Frequency Temp. Characteristics
f_tem
±200
×10-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
9800
≤f_nom<13560kHz
200
Ω max.
13560
≤f_nom<16000kHz
120
Ω max.
16000
≤f_nom≤54000kHz
100
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
9800
≤f_nom≤54000kHz
10
μW (200μW max.)


Similar Part No. - CX3225CA20000D0HSSZ1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX3225CA20000D0PSWZ1 KSS-CX3225CA20000D0PSWZ1 Datasheet
98Kb / 1P
   3.2횞2.5mm for Automotive
More results

Similar Description - CX3225CA20000D0HSSZ1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX2520SB KSS-CX2520SB Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com