Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-342DC Datasheet(PDF) 3 Page - Rohm

Part # SLR-342DC
Description  Rank Reference of Brightness
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-342DC Datasheet(HTML) 3 Page - Rohm

  SLR-342DC Datasheet HTML 1Page - Rohm SLR-342DC Datasheet HTML 2Page - Rohm SLR-342DC Datasheet HTML 3Page - Rohm SLR-342DC Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SLR-342 Series
Rank Reference of Brightness
Red (V)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342VC
Diffused Colored
SLR-342VR
Orange (D)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342DC
Diffused Colored
SLR-342DU
Yellow (Y)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342YC
Diffused Colored
SLR-342YY
Green (M)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342MC
Diffused Colored
SLR-342MG
※Brightness on specification sheet include tolerance of within ± 10%.
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S L R
3 4 2 Y
Series name
Package type
Emitting Color Resin Color
Taping specifications
V
D
Y
M
R <Red>
Diffused Colored
<Orange>
Diffused Colored
<Yellow>
Diffused Colored
<Green>
Diffused Colored
Transparent
Colored
U
Y
G
C
Red:630nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572(563)nm
T
See taping specifications
C T 3 2
Rank sign (Brightness Rank)∗
M
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
3/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A


Similar Part No. - SLR-342DC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-342DC ROHM-SLR-342DC Datasheet
130Kb / 3P
   3.1(T-1) Circular Type Standard Type
SLR-342DC ROHM-SLR-342DC Datasheet
878Kb / 4P
   Viewing angle 2 1/2 : 40 Series
SLR-342DC ROHM-SLR-342DC Datasheet
878Kb / 4P
   SLR-342 Series
SLR-342DC ROHM-SLR-342DC Datasheet
123Kb / 3P
   ?3.1(T-1) Circular Type Standard Type
SLR-342DC ROHM-SLR-342DC Datasheet
878Kb / 4P
   ROHM Customer Support System
More results

Similar Description - SLR-342DC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2129 STMICROELECTRONICS-AN2129 Datasheet
362Kb / 9P
   DIMMING OF SUPER HIGH BRIGHTNESS LEDS
logo
Rohm
SML-D12V1W ROHM-SML-D12V1W Datasheet
422Kb / 11P
   IV rank reduction products
logo
Murata Manufacturing Co...
MASPOPRE MURATA-MASPOPRE Datasheet
248Kb / 6P
   Reference specification of Ultrasonic Transducer
logo
Panasonic Semiconductor
LNJ010V6BRAA PANASONIC-LNJ010V6BRAA Datasheet
758Kb / 4P
   We call the area which is composed by the above points Rank of chromaticity
LNJ080V6BRAA PANASONIC-LNJ080V6BRAA Datasheet
703Kb / 4P
   We call the area which is composed by the above points Rank of chromaticity
logo
LUMEX INC.
SSL-LX5093YD LUMEX-SSL-LX5093YD Datasheet
99Kb / 3P
   State-of-the-Art, High Brightness Chip Technology
logo
National Semiconductor ...
DM74LS952 NSC-DM74LS952 Datasheet
149Kb / 8P
   Dual Rank 8-Bit TRI-STATE짰Shift Register
logo
STCmicro Technology Co,...
STC8F STC-STC8F Datasheet
5Mb / 509P
   STC8F family of Micro-controllers Reference Manual
2020/3/9
logo
Diodes Incorporated
ZXLD1374_V1 DIODES-ZXLD1374_V1 Datasheet
218Kb / 2P
   Versatile LED driver increases reliability of high brightness lamps
logo
STMicroelectronics
AN2415 STMICROELECTRONICS-AN2415 Datasheet
307Kb / 11P
   Using the output detection feature of the high-brightness
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com