Electronic Components Datasheet Search |
|
MAX235MDG Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
MAX235MDG Datasheet(HTML) 9 Page - Maxim Integrated Products |
9 / 38 page +5V-Powered, Multichannel RS-232 Drivers/Receivers Supply Voltage Range 4.75 5.25 V Transmitter Enable Time MAX225 10 20 tET No load MAX244–MAX249 11 30 510 30 MAX225 40 VCC Supply Current (Normal Operation) 3k Ω loads on all outputs MAX244–MAX249 57 mA Transition Slew Rate 825 CL = 50pF to 2500pF, RL = 3k Ω to 7kΩ, VCC = +5V, TA = +25°C, measured from +3V to -3V or -3V to +3V TA = TMIN to TMAX CONDITIONS 50 V/µs MAX246–MAX249 (excludes charge-pump startup) Shutdown Supply Current µA 5 tPHLT, Figure 1 1.3 3.5 µs tPLHT, Figure 1 1.5 3.5 Transmitter Disable Time Transmitter Propagation Delay TLL to RS-232 (Normal Operation) µs tDT, Figure 4 100 ns Transmitter + to - Propagation Delay Difference (Normal Operation) tPHLT - tPLHT UNITS MIN TYP MAX 350 PARAMETER ns Receiver + to - Propagation Delay Difference (Normal Operation) tPHLR - tPLHR 350 ns 4.5 5.5 MAX244–MAX249 MAX225 Leakage current ±1 Logic-low voltage 1.4 0.8 Control Input Logic-high voltage 2.4 1.4 V µA TA = +25°C tPHLR, Figure 2 0.6 1.5 tPLHR, Figure 2 0.6 1.5 Receiver Propagation Delay TLL to RS-232 (Normal Operation) µs tPHLS, Figure 2 0.6 10 tPLHS, Figure 2 3.0 10 Receiver Propagation Delay TLL to RS-232 (Low-Power Mode) µs Receiver-Output Enable Time tER, Figure 3 100 500 ns Receiver-Output Disable Time tDR, Figure 3 100 500 ns MAX225/MAX245–MAX249 (includes charge-pump startup) 10 ms POWER SUPPLY AND CONTROL LOGIC AC CHARACTERISTICS Note 7: All units production tested at hot. Specifications over temperature are guaranteed by design. Note 8: The 300 Ω minimum specification complies with EIA/TIA-232E, but the actual resistance when in shutdown mode or VCC = 0V is 10M Ω as is implied by the leakage specification. ELECTRICAL CHARACTERISTICS—MAX225/MAX244–MAX249 (continued) (MAX225, VCC = +5.0V ±5%; MAX244–MAX249, VCC = +5.0V ±10%, external capacitors C1–C4 = 1µF; TA = TMIN to TMAX; unless otherwise noted.) (Note 7) Maxim Integrated 9 MAX220–MAX249 MAX220–MAX249 |
Similar Part No. - MAX235MDG |
|
Similar Description - MAX235MDG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |