Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8033JD Datasheet(PDF) 1 Page - Sanken electric

Part # SI-8033JD
Description  Surface-Mount, Separate Excitation Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8033JD Datasheet(HTML) 1 Page - Sanken electric

  SI-8033JD Datasheet HTML 1Page - Sanken electric SI-8033JD Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16
ICs
1-1-3 DC/DC Converter ICs
■Lineup
■Absolute Maximum Ratings
Unit
V
A
W
°C
°C
°C/W
°C/W
Ratings
43
1.5
3
+125
–40 to +125
3
33.3
Symbol
VIN
IO
PD
Tj
Tstg
θj-c
θj-a
Parameter
DC Input Voltage
Output Current
Power Dissipation*
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Case)
Thermal Resistance (Junction to
Ambient Air)
Part Number
SI-8033JD
SI-8050JD
SI-8090JD
SI-8120JD
VO(V)
3.3
5.0
9.0
12.0
IO(A)
1.5
■Recommended Operating Conditions
Parameter
DC Input Voltage Range
DC Output Current Range*
Operating Junction Temperature Range
Operating Temperature Range*
Symbol
VIN1
VIN2
IO
Tjop
Top
Conditions
IO=0 to 1A
IO=0 to 1.5A
VIN≥VO+3V
Ratings
SI-8033JD
SI-8050JD
SI-8090JD
SI-8120JD
5.3 to 40
7 to 40
11 to 40
14 to 40
6.3 to 40
8 to 40
12 to 40
15 to 40
0 to 1.5
–30 to +125
–30 to +125
■Features
• Surface-mount package (TO263-5)
• Output current: 1.5A
• High efficiency: 77 to 88%
• Requires only 4 discrete components
• Internally-adjusted phase correction and
output voltage
• Capable of downsizing a choke-coil due to IC's
high switching frequency (125 kHz). (Com-
pared with conventional Sanken devices)
• Built-in foldback-overcurrent and thermal
protection circuits
• Output ON/OFF available (Circuit current at
output OFF: 200µA max)
• Soft start available by ON/OFF pin Conditions
Conditions
When mounted on glass-epoxy board 40 × 40 mm (copper
area 100%)
When mounted on glass-epoxy board 40 × 40 mm (copper
area 100%)
*: Limited by thermal protection circuit
Unit
V
A
°C
°C
*: Limited by Ta–PD characteristics
*: Pin 5 is the ON/OFF pin. Soft start at power on can be performed with a capacitor connected to
this pin.
The output can also be turned ON/OFF with this pin.
The output is stopped by setting the voltage of this pin to VSSL or lower.
ON/OFF-pin voltage can be changed with an open-collector drive circuit of a transistor.
When using both the soft-start and ON/OFF functions together, the discharge current from C3
flows into the ON/OFF control transistor. Therefore, limit the current securely to protect the
transistor if C3 capacitance is large.
The ON/OFF pin is pulled up to the power supply in the IC, so applying the external voltage is
prohibited.
SI-8000JD
SI-8000JD
ON/OFF
5
ON/OFF
5
ON/OFF
C3
C3
5
VOUT. ON/OFF
Soft Start
Soft Start
+VOUT. ON/OFF
SI-8000JD
■Electrical Characteristics
Unit
V
%
kHZ
mV
mV
mV/ °C
A
V
µA
mA
µA
Parameter
Output Voltage
Efficiency
Oscillation Frequency
Line Regulation
Load Regulation
Temperature Coefficient of Output Voltage
Overcurrent Protection
Starting Current
ON/OFF*
Low Level Voltage
Pin
Outflow Current
at Low Voltage
Quiescent Circuit Current
Symbol
VO
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
IS1
Conditions
VSSL
ISSL
Conditions
Iq
Conditions
Iq(oFF)
Conditions
(Ta=25°C)
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000JD Series
■Applications
• Power supplies for telecommunication equipment
• Onboard local power supplies, etc.
Ratings
SI-8033JD
SI-8050JD
SI-8090JD
SI-8120JD
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
3.234
3.30
3.366
4.90
5.00
5.10
8.82
9.00
9.18
11.76
12.00
12.24
VIN=15V, IO=0.5A
VIN=20V, IO=0.5A
VIN=21V, IO=0.5A
VIN=24V, IO=0.5A
77
82
86
88
VIN=15V, IO=0.5A
VIN=20V, IO=0.5A
VIN=21V, IO=0.5A
VIN=24V, IO=0.5A
125
125
125
125
VIN=15V, IO=0.5A
VIN=20V, IO=0.5A
VIN=21V, IO=0.5A
VIN=24V, IO=0.5A
25
80
40
100
50
120
60
130
VIN=8 to 30V, IO=0.5A
VIN=10 to 30V, IO=0.5A
VIN=15 to 30V, IO=0.5A
VIN=18 to 30V, IO=0.5A
10
30
10
40
10
40
10
40
VIN=15V, IO=0.2 to 0.8A
VIN=20V, IO=0.2 to 0.8A
VIN=21V, IO=0.2 to 0.8A
VIN=24V, IO=0.2 to 0.8A
±0.5
±0.5
±1.0
±1.0
1.6
1.6
1.6
1.6
VIN=15V
VIN=20V
VIN=21V
VIN=24V
0.5
0.5
0.5
0.5
100
100
100
100
VSSL=0V
77
7
7
VIN=15V, Io=0A
VIN=20V, Io=0A
VIN=21V, Io=0A
VIN=24V, Io=0A
200
200
200
200
VIN=15V, VON/OFF=0.3V
VIN=20V, VON/OFF=0.3V
VIN=21V, VON/OFF=0.3V
VIN=24V, VON/OFF=0.3V


Similar Part No. - SI-8033JD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8033JD SANKEN-SI-8033JD Datasheet
442Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
logo
Allegro MicroSystems
SI-8033JD-TL ALLEGRO-SI-8033JD-TL Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
More results

Similar Description - SI-8033JD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000HD SANKEN-SI-8000HD Datasheet
55Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8050W SANKEN-SI-8050W Datasheet
47Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8120JD SANKEN-SI-8120JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8008TM SANKEN-SI-8008TM Datasheet
51Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8001FDL SANKEN-SI-8001FDL Datasheet
69Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8033SD SANKEN-SI-8033SD Datasheet
55Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8008HD SANKEN-SI-8008HD Datasheet
56Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8033W SANKEN-SI-8033W Datasheet
47Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000TM SANKEN-SI-8000TM_12 Datasheet
56Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000JD SANKEN-SI-8000JD_11 Datasheet
86Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000SD SANKEN-SI-8000SD_11 Datasheet
74Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com