Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA7081MPR Datasheet(PDF) 11 Page - Sanken electric

Part # SLA7081MPR
Description  Unipolar 2-Phase Stepping Motor Driver ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7081MPR Datasheet(HTML) 11 Page - Sanken electric

Back Button SLA7081MPR Datasheet HTML 7Page - Sanken electric SLA7081MPR Datasheet HTML 8Page - Sanken electric SLA7081MPR Datasheet HTML 9Page - Sanken electric SLA7081MPR Datasheet HTML 10Page - Sanken electric SLA7081MPR Datasheet HTML 11Page - Sanken electric SLA7081MPR Datasheet HTML 12Page - Sanken electric SLA7081MPR Datasheet HTML 13Page - Sanken electric SLA7081MPR Datasheet HTML 14Page - Sanken electric SLA7081MPR Datasheet HTML 15Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
SANKEN ELECTRIC CO., LTD.
28610.23, Rev. 1
Unipolar 2-Phase Stepping Motor Driver ICs
SLA7080M Series
The resistance value of the incorporated resistors varies accord-
ing to the rated currents.
Rated Current
Detected Resistance Value
(A)
(Ω Typical)
1
0.305
1.5
0.305
2
0.205
3
0.155
Each resistance value shown above includes the inherent resis-
tance (approximately 5 mΩ) in the SLA7080M due to product
structure.
In particular, be cautious about noise on the VDD line. When
the noise on VDD line exceeds 0.5 V, device malfunction may
be caused. To avoid this, special attention should be paid to the
layout of the ground circuits. The separation of the VDD ground
and the VBB ground from the product GND pin is effective in
reducing the noise.
Clocking Switch Signals
In normal operation, the input signal for switching is received
from an external microcomputer into the INx pins. However, in
an application where the signal cannot be input, for example, due
to the limitation of ports, this function can be performed using the
following method. Refer to figure 11, which illustrates a topol-
ogy for a synchronization signal generation circuit that uses clock
signals.
When a logic high level signal is input to the circuit, the capacitor
in the circuit is charged and the SYNC signal is set to logic low
level in the SLA7080M.
When the clock signal is stopped at low level, the capacitor is dis-
charged by the resistor and the SYNC signal is set to logic high,
causing the SLA7080M to shift to the synchronous mode.
The RC time constant should be determined by the minimum
clock frequency used. In the case of a sequence that keeps the
clock input signal at logic high, an inverter circuit must be added.
Setting Motor Currents for Constant Running
In the SLA7080M series the motor current level, IO , is deter-
mined by the internal sense resistors, RS, and the values selected
for the external components R1 and R2 (see figure 12).
Io is calculated by the following formulas:
R1
R2 + R2
× VDD
VREF =
(2)
VREF
RS
IO =
(3)
If VREF is set below 0.04 V, the accuracy of IO setting is highly
likely to be degraded due to the variation between individual
devices and the impedance of the application trace layout.
Lower Limit of Motor Current Control
The SLA7080M series uses a self-excitation PWM current con-
trol system with the fixed PWM off-time, toff. When the energy
stored in the motor coil is dissipated in less than toff , the coil
current flows as an intermittent current as shown in figure 13.
That is to say, the PWM average current is decreased and the
motor torque is lowered. When the current begins to flow in the
coil intermittently, this state is considered the lower limit of the
current control, IO(min).
Figure 10. FLAG pin equivalent circuit
Figure 11. External circuit for detecting phase control signals
FLAG
VDD
SLA7080MPR
ESD
protection
SLA7080M
Phase
VCC
74HC14
SYNC


Similar Part No. - SLA7081MPR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLA7000 ETC-SLA7000 Datasheet
188Kb / 4P
   CMOS HIGH SPEED GATE ARRAY
logo
Sanken electric
SLA7020 SANKEN-SLA7020 Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7021 SANKEN-SLA7021 Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7021M SANKEN-SLA7021M Datasheet
99Kb / 10P
   Unipolar Driver ICs
More results

Similar Description - SLA7081MPR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Shindengen Electric Mfg...
MTD1120F SHINDENGEN-MTD1120F Datasheet
408Kb / 2P
   Stepping Motor Driver ICs
MTD1110 SHINDENGEN-MTD1110 Datasheet
435Kb / 2P
   Stepping Motor Driver ICs
MTD1120 SHINDENGEN-MTD1120 Datasheet
421Kb / 2P
   Stepping Motor Driver ICs
MTD2001 SHINDENGEN-MTD2001 Datasheet
441Kb / 2P
   Stepping Motor Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com