Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A10034-05 Datasheet(PDF) 11 Page - Hamamatsu Corporation

Part # A10034-05
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A10034-05 Datasheet(HTML) 11 Page - Hamamatsu Corporation

Back Button A10034-05 Datasheet HTML 7Page - Hamamatsu Corporation A10034-05 Datasheet HTML 8Page - Hamamatsu Corporation A10034-05 Datasheet HTML 9Page - Hamamatsu Corporation A10034-05 Datasheet HTML 10Page - Hamamatsu Corporation A10034-05 Datasheet HTML 11Page - Hamamatsu Corporation A10034-05 Datasheet HTML 12Page - Hamamatsu Corporation A10034-05 Datasheet HTML 13Page - Hamamatsu Corporation A10034-05 Datasheet HTML 14Page - Hamamatsu Corporation A10034-05 Datasheet HTML 15Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
GBeam Splitter Block A10035
This optical block uses a cubic type half-mirror. Incident light is split into
reflected and transmitted beams at a ratio of 1 to 1.
NOTE: Light level is cut to approximately one third due to light
absorption.
SPECIFICATIONS
* Designed for wavelength from 400 nm to 700 nm.
Type No.
A10035
Effective Beam Size
8 mm
Weight
Approx. 63 g
TACCA0273EA
Dimensional Outlines (Unit: mm)
GBeam Splitter Holder Block A10035-90
The A10035-90 is a holder block designed to hold a 15 mm cubic type
beam splitter.
NOTE: • The beam splitter is not included.
• Be careful to install the beam splitter so that it faces
in the correct direction.
• When installing a beam splitter, be careful to keep it
clean and to avoid getting fingerprints on it.
SPECIFICATIONS
* Supplied: Hex wrench
Type No.
A10035-90
Effective
Beam Size
8 mm
Applicable Beam Splitter Size
15 mm
× 15 mm × 15 mm cubic type
Weight
Approx. 55 g
Dimensional Outlines (Unit: mm)
Transmittance (Typical)
TACCB0089EC
TPMOA0068EA
0
400
450
500
550
600
650
700
WAVELENGTH (nm)
20
40
60
100
80
P
AVERAGE
S
22.0
±0.1
37.0
±0.2
(8)
( 16)
9.0
±0.1
2
22.0
±0.1 17±0.1
(39)
(8)
15.0
±0.4
11.0
±0.1
(26)
20.0
±0.1
( 16)
26.0
9.0
±0.1
DASHED LINE
APPLICABLE BEAM SPLITTER SIZE
15
× 15 × 15
4-M3 DEPTH 6
(FOR HOLDING THE
BLOCK IN PLACE)
BOTTOM VIEW
2
11


Similar Part No. - A10034-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1003 ETC2-A1003 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
A1003 ETC1-A1003 Datasheet
1Mb / 24P
   Desoldering Tool
A1003 ETC2-A1003 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
More results

Similar Description - A10034-05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3806 MAXIM-MAX3806 Datasheet
1Mb / 9P
   Receiver for Optical Distance Measurement
Rev 0; 7/09
logo
AZ Displays
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
   Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
   Definition of optical measurement system
ATM0177B5 AZDISPLAYS-ATM0177B5 Datasheet
328Kb / 15P
   Definition of optical measurement system
logo
Hamamatsu Corporation
C11209-110 HAMAMATSU-C11209-110_15 Datasheet
610Kb / 4P
   Optical measurement modules for low-level light detection
logo
Maxim Integrated Produc...
MAXM86161 MAXIM-MAXM86161 Datasheet
1Mb / 66P
   Single-Supply Integrated Optical Module for HR and SpO2 Measurement
2019
logo
Hamamatsu Corporation
C13365 HAMAMATSU-C13365_15 Datasheet
399Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
C13366 HAMAMATSU-C13366_15 Datasheet
396Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
logo
Mitsubishi Electric Sem...
PD7005 MITSUBISHI-PD7005 Datasheet
97Kb / 4P
   FOR OPTICAL COMMUNICATION
logo
PHOENIX CONTACT
2901560 PHOENIX-2901560 Datasheet
52Kb / 2P
   Pre-assembled reference fiber for the precise measurement of optical power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com