Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11459-100 Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # H11459-100
Description  LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H11459-100 Datasheet(HTML) 6 Page - Hamamatsu Corporation

Back Button H11459-100 Datasheet HTML 2Page - Hamamatsu Corporation H11459-100 Datasheet HTML 3Page - Hamamatsu Corporation H11459-100 Datasheet HTML 4Page - Hamamatsu Corporation H11459-100 Datasheet HTML 5Page - Hamamatsu Corporation H11459-100 Datasheet HTML 6Page - Hamamatsu Corporation H11459-100 Datasheet HTML 7Page - Hamamatsu Corporation H11459-100 Datasheet HTML 8Page - Hamamatsu Corporation H11459-100 Datasheet HTML 9Page - Hamamatsu Corporation H11459-100 Datasheet HTML 10Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TPMHA0534EB
Figure 6: Dimensional Outline (Unit: mm)
TPMHA0508EC
TACCA0257EA
SOCKET: SD-106-T-22 (Supplied)
15.24
2.54 TYP
0.51
1.32
1.83
H9530 Series
Figure 7: Dimensional Outline (Unit: mm)
H10515B Series
TACCA0204EA
TACCA0307EA
SOCKET: ASP24307-02 (Supplied)
7.62
2.54
SOCKET: SD-108-T-22 (Supplied)
20.32
2.54 TYP
× 2pcs
0.51
1.32
1.83
LINEAR ARRAY MULTIANODE
PMT ASSEMBLY AND MODULE
M2 MAX. L5
MOUNTING THREADED HOLE
(M2 DEPTH: 5)
16.0
± 0.5
8
2.54
33.0
± 0.5
3.08
0.5 TYP.
2.5
ANODE #1 to #8
OUTPUT ( 0.46)
-HV INPUT
TERMINAL ( 0.46)
GND INPUT
TERMINAL ( 0.46)
KG
R1
R2
-HV
DY2
R3
DY3
R4
DY4
R5
DY5
R6
DY6
R7
DY7
R8
DY8
R9
DY9 DY10
DY1
C1
R10
DY11
C2
R11
DY12
C3
R12
SB
C4
ACTIVE VOLTAGE
DIVIDER
GAIN ADJUSTMENT
CIRCUIT *
* Gain on each channel is preset at the factory.
It is prohibited to adjust gain with this circuit at user side
P-1
ANODE1
P-2
ANODE2
P-3
ANODE3
P-4
ANODE4
P-5
ANODE5
P-6
ANODE6
P-7
ANODE7
P-8
ANODE8
220 k
1 k
200 k
51
0.01
µF
R1 to R6, R9:
R7:
R8:
R10 to R12:
C1 to C4:
P16
P15
P2
P1
P16
P15
P2
P1
P4
P3
P6
P5
P8
P7
P10
P9
P12
P11
P14
P13
R1
R8
K
DY1
R2
DY2
R3
DY3
R4
DY4
R5
DY5
R6
DY6
R7
DY7
R9
DY8
R10
DY9
R11
DY10
ACTIVE VOLTAGE
DIVIDER
-HV INPUT
TERMINAL PIN
GND
TERMINAL PIN
GND
-HV
ANODE OUTPUT
ANODE OUTPUT
G
ANODE1 OUTPUT
ANODE2 OUTPUT
ANODE15 OUTPUT
ANODE16 OUTPUT
P1
P2
P15
P16
GND
-HV
24
2.54
× 7=17.78
45.0
± 0.5
5.7
0.8 MAX.
POM CASE
INSULATION TAPE
MOUNTING
THREADED HOLE
(4-M2 DEPTH: 6)
PMT
ANODE OUTPUT
TERMINAL PIN
R1 to R7
R8
R9 to R11
DIVIDER CURRENT
: 220 k
: 1 M
: 51
: 0.37 mA (at -900 V)
15.8
1.0 PITCH
0.8
PHOTOCATHODE
P16
P1
SIDE VIEW
TOP VIEW
BOTTOM VIEW
-HV INPUT
TERMINAL ( 0.46)
ANODE #1 to #16
OUTPUT ( 0.46)
GND INPUT
TERMINAL ( 0.46)
8
× 2 LINE
2.54 PITCH


Similar Part No. - H11459-100

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1140 PULSE-H1140 Datasheet
139Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES For Auto MDI/MDIX Applications
H1140NL PULSE-H1140NL Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES For Auto MDI/MDIX Applications
H1140NL PULSE-H1140NL Datasheet
320Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES
H1140NL PULSE-H1140NL Datasheet
320Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES
H1140NL PULSE-H1140NL Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES
More results

Similar Description - H11459-100

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-L16 HAMAMATSU-R5900U-L16 Datasheet
285Kb / 8P
   LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
PerkinElmer Optoelectro...
TPLM086L55 PERKINELMER-TPLM086L55 Datasheet
258Kb / 1P
   Linear Array Module
logo
Hamamatsu Corporation
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9170-45 HAMAMATSU-H9170-45 Datasheet
339Kb / 4P
   NIR-PMT MODULE
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com