Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11459-100 Datasheet(PDF) 10 Page - Hamamatsu Corporation

Part # H11459-100
Description  LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H11459-100 Datasheet(HTML) 10 Page - Hamamatsu Corporation

Back Button H11459-100 Datasheet HTML 4Page - Hamamatsu Corporation H11459-100 Datasheet HTML 5Page - Hamamatsu Corporation H11459-100 Datasheet HTML 6Page - Hamamatsu Corporation H11459-100 Datasheet HTML 7Page - Hamamatsu Corporation H11459-100 Datasheet HTML 8Page - Hamamatsu Corporation H11459-100 Datasheet HTML 9Page - Hamamatsu Corporation H11459-100 Datasheet HTML 10Page - Hamamatsu Corporation H11459-100 Datasheet HTML 11Page - Hamamatsu Corporation H11459-100 Datasheet HTML 12Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Figure 9: Sensitivity Adjustment Method
H11451 / H11452
H11459 / H11460
LINEAR ARRAY MULTIANODE
PMT ASSEMBLY AND MODULE
Figure 10: Dimensional Outline (Unit: mm)
H11451
POWER CABLE (SUPPLIED)
RIBBON CABLE (SUPPLIED)
+11.5 V to +15.5 V
GND
-11.5 V to -15.5 V
+11.5 V to +15.5 V
GND
-11.5 V to -15.5 V
SIGNAL OUTPUT
SOCKET: EHF-108-01-F-D-RA
LOW VOLTAGE INPUT (RED)
GND (BLACK)
LOW VOLTAGE INPUT (GREEN)
Vcont INPUT (WHITE)
Vref OUTPUT (BLUE)
GND (BLACK)
PMT MODULE
POWER SUPPLY
POWER SUPPLY
PMT MODULE
+0.5 V to
+4.6 V
LOW VOLTAGE INPUT (RED)
GND (BLACK)
LOW VOLTAGE INPUT (GREEN)
Vcont INPUT (WHITE)
Vref OUTPUT (BLUE)
GND (BLACK)
POTENTIOMETER *1
(100 k
Ω Max.)
MONITOR
VOLTAGE PROGRAMMING
RESISTANCE PROGRAMMING
GND
*1: When using a potentiometer to
adjust sensitivity, monitor the
control voltage so it does not
exceed +4.8 V.
• Adjust the control voltage to adjust
the sensitivity.
• Electrically insulate the reference
voltage output.
SIGNAL OUTPUT
SOCKET: EHF-108-01-F-D-RA
+11.5 V to +15.5 V
GND
-11.5 V to -15.5 V
+11.5 V to +15.5 V
GND
-11.5 V to -15.5 V
SIGNAL OUTPUT
SOCKET: EHF-117-01-F-D-RA
(samtec)
LOW VOLTAGE INPUT (RED)
GND (BLACK)
LOW VOLTAGE INPUT (GREEN)
Vcont INPUT (WHITE)
Vref OUTPUT (BLUE)
GND (BLACK)
PMT MODULE
POWER SUPPLY
POWER SUPPLY
PMT MODULE
+0.5 V to
+3.4 V
LOW VOLTAGE INPUT (RED)
GND (BLACK)
LOW VOLTAGE INPUT (GREEN)
Vcont INPUT (WHITE)
Vref OUTPUT (BLUE)
GND (BLACK)
POTENTIOMETER *1
(100 k
Ω Max.)
MONITOR
VOLTAGE PROGRAMMING
RESISTANCE PROGRAMMING
GND
*1: When using a potentiometer to
adjust sensitivity, monitor the
control voltage so it does not
exceed +3.6 V.
• Adjust the control voltage to adjust
the sensitivity.
• Electrically insulate the reference
voltage output.
SIGNAL OUTPUT
SOCKET: EHF-117-01-F-D-RA
(samtec)
75
65
46
20.5
± 0.2
17.4
± 0.2
53
0.5
1
OUTPUT CONNECTOR
EHF-108-01-F-D-RA (Samtec)
INPUT CONNECTOR
70553-0005 (Molex)
PHOTOCATHODE
PHOTOCATHODE
EFFECTIVE AREA
(2.5
× 2.0 × 8 CH)
MOUNTING
THREADED
HOLE
(4-M2)
4- 2.4
FRONT VIEW
SIDE VIEW
TOP VIEW
REAR VIEW
INPUT CONNECTOR (Molex: 70553-0005)
PIN1 – CONTROL GND
PIN2 – Vref OUTPUT (+5 V)
PIN3 – Vcont INPUT (+4.8 V Max.)
PIN4 – LOW VOLTAGE INPUT (-11.5 V to -15.5 V)
PIN5 – POWER GND
PIN6 – LOW VOLTAGE INPUT (+11.5 V to +15.5 V)
6 5 4 3 2 1
(Molex: 50-57-9406)
500
(Samtec: FFSD-08-D-20.00-01-N)
500
TPMHC0241EA
TPMHC0242EA
TPMHA0567EA


Similar Part No. - H11459-100

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1140 PULSE-H1140 Datasheet
139Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES For Auto MDI/MDIX Applications
H1140NL PULSE-H1140NL Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES For Auto MDI/MDIX Applications
H1140NL PULSE-H1140NL Datasheet
320Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES
H1140NL PULSE-H1140NL Datasheet
320Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES
H1140NL PULSE-H1140NL Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES
More results

Similar Description - H11459-100

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-L16 HAMAMATSU-R5900U-L16 Datasheet
285Kb / 8P
   LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
PerkinElmer Optoelectro...
TPLM086L55 PERKINELMER-TPLM086L55 Datasheet
258Kb / 1P
   Linear Array Module
logo
Hamamatsu Corporation
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9170-45 HAMAMATSU-H9170-45 Datasheet
339Kb / 4P
   NIR-PMT MODULE
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com