Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11459-100 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H11459-100
Description  LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H11459-100 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H11459-100 Datasheet HTML 1Page - Hamamatsu Corporation H11459-100 Datasheet HTML 2Page - Hamamatsu Corporation H11459-100 Datasheet HTML 3Page - Hamamatsu Corporation H11459-100 Datasheet HTML 4Page - Hamamatsu Corporation H11459-100 Datasheet HTML 5Page - Hamamatsu Corporation H11459-100 Datasheet HTML 6Page - Hamamatsu Corporation H11459-100 Datasheet HTML 7Page - Hamamatsu Corporation H11459-100 Datasheet HTML 8Page - Hamamatsu Corporation H11459-100 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPECIFICATIONS OF ASSEMBLY TYPES
LINEAR ARRAY MULTIANODE
PMT ASSEMBLY AND MODULE
300 to 880
300 to 920
300 to 650
300 to 880
185 to 650
185 to 880
300 to 920
300 to 650
300 to 650
300 to 650
300 to 880
185 to 650
185 to 880
300 to 920
300 to 650
300 to 650
150
350
50
150
50
150
350
90
110
50
150
50
150
350
90
110
8.5
8.5
13.5
15.5
8.5
8.5
13.5
15.5
B
B
B
B
U
U
B
B
B
B
B
U
U
B
B
B
-1000
-1000
-800
-800
-800
-800
-800
-800
-800
-800
-800
-800
-800
-800
-800
-800
H9530-01
H9530-20
H10515B
H10515B-01
H10515B-03
H10515B-04
H10515B-20
H10515B-100
H10515B-200
H7260
H7260-01
H7260-03
H7260-04
H7260-20
H7260-100
H7260-200
Notes: G BA: Bialkali
MA: Multialkali
SBA: Super Bialkali
UBA: Ultra Bialkal
H B: Borosilicate glass
U: UV glass
I Measured at the peak wavelength
Type No.
Window
Material
Range
Cathode Characteristics
Spectral Response
H
I
G
Blue
Sensitivity
Index
(CS 5-58)
Typ.
0.3
0.45
0.3
0.3
0.45
0.3
0.3
0.45
Red
/White
Ratio
(R-68)
Typ.
65
78
72
65
72
65
78
110
130
72
65
72
65
78
110
130
Radiant
Typ.
Supply
Voltage
(V dc)
Luminous
Min.
(
µA/lm)
250
500
70
250
70
250
500
105
135
70
250
70
250
500
105
135
Typ.
(
µA/lm)
(mA/W)
(nm)
420
630
420
420
420
420
630
400
400
420
420
420
420
630
400
400
Peak
Wavelength
MA
MA
BA
MA
BA
MA
MA
SBA
UBA
BA
MA
BA
MA
MA
SBA
UBA
Photocathode
Material
(nm)
H9530 SERIES
H10515B SERIES
H7260 SERIES
Notes: A MC: Metal Channel
B P.O.M.: Polyoxymethylene
* Operating ambient temperature: 0
°C to +50 °C
Storage temperature: -15
°C to +50 °C
Type No.
Anode Type
Dimensional
Outline
AB
Dynode
Structure
/ No. of
Stages
8-Channel Linear Array
16-Channel Linear Array
32-Channel Linear Array
MC/12
MC/10
MC/10
See Fig.6
See Fig.7
See Fig.8
2.0
× 2.5
0.8
× 16
0.8
× 7
Effective
Area per
Channel
(mm)
P.O.M.
P.O.M.
P.O.M.
Insulation
Cover
Material
2.8
1
1
Channel
Pitch
(mm)
25.5
49.0
62.0
Weight
(g)


Similar Part No. - H11459-100

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1140 PULSE-H1140 Datasheet
139Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES For Auto MDI/MDIX Applications
H1140NL PULSE-H1140NL Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES For Auto MDI/MDIX Applications
H1140NL PULSE-H1140NL Datasheet
320Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES
H1140NL PULSE-H1140NL Datasheet
320Kb / 2P
   10/100BASE-TX TRANSFORMER MODULES
H1140NL PULSE-H1140NL Datasheet
182Kb / 2P
   10/100BASE-TX TRANSFORMEr MODULES
More results

Similar Description - H11459-100

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-L16 HAMAMATSU-R5900U-L16 Datasheet
285Kb / 8P
   LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
PerkinElmer Optoelectro...
TPLM086L55 PERKINELMER-TPLM086L55 Datasheet
258Kb / 1P
   Linear Array Module
logo
Hamamatsu Corporation
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9170-45 HAMAMATSU-H9170-45 Datasheet
339Kb / 4P
   NIR-PMT MODULE
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com