Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11460-01 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # H11460-01
Description  LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H11460-01 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  H11460-01 Datasheet HTML 1Page - Hamamatsu Corporation H11460-01 Datasheet HTML 2Page - Hamamatsu Corporation H11460-01 Datasheet HTML 3Page - Hamamatsu Corporation H11460-01 Datasheet HTML 4Page - Hamamatsu Corporation H11460-01 Datasheet HTML 5Page - Hamamatsu Corporation H11460-01 Datasheet HTML 6Page - Hamamatsu Corporation H11460-01 Datasheet HTML 7Page - Hamamatsu Corporation H11460-01 Datasheet HTML 8Page - Hamamatsu Corporation H11460-01 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
75
175
50
75
50
75
175
90
110
50
75
50
75
175
90
110
0.25
0.25
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.7
0.7
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
750
1500
280
250
280
250
500
315
405
140
250
140
250
500
210
270
0.1
0.1
3
3
3
3
3
3
3
3
3
3
3
3
3
3
0.9
0.9
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.6
0.6
0.6
0.6
0.6
0.6
0.6
3
× 106
3
× 106
4
× 106
1
× 106
4
× 106
1
× 106
1
× 106
3
× 106
3
× 106
2
× 106
1
× 106
2
× 106
1
× 106
1
× 106
2
× 106
2
× 106
Notes: J Anode characteristics are measured with the supply voltage.
Rise Time
(ns)
Transit Time
Spread
(FWHM)
(ns)
Uniformity
Between Each
Anode
H9530-01
H9530-20
H10515B
H10515B-01
H10515B-03
H10515B-04
H10515B-20
H10515B-100
H10515B-200
H7260
H7260-01
H7260-03
H7260-04
H7260-20
H7260-100
H7260-200
Type No.
(at 25
°C)
Anode Characteristics J
Pulse
Linearity
per
Channel
(
±2 %
deviation)
Cross-talk
(A/lm)
Typ.
Typ.
Typ.
Typ.
Max.
Typ.
(A/lm)
(nA)
Min.
0.5
1
0.2
0.5
0.2
0.5
1
0.2
0.2
0.2
0.5
0.2
0.5
1
0.2
0.2
1: 1.1
1: 1.1
1: 2
1: 2.5
1: 2
1: 2.5
1: 2.5
1: 2
1: 2
1: 2
1: 2.5
1: 2
1: 2.5
1: 2.5
1: 2
1: 2
1: 1.5
1: 1.7
1: 1.5
1: 1.7
1: 1.7
1: 1.5
1: 1.5
1: 1.5
1: 1.7
1: 1.5
1: 1.7
1: 1.7
1: 1.5
1: 1.5
5
10
2
5
2
5
10
2
2
2
5
2
5
10
2
2
(nA)
(mA)
(%)
Max.
Typ.
Typ.
Luminous
Time Response
Dark Current
per Channel
(After 30 min.)
Gain
Notes: C Supplied
D The maximum ambient temperature range
E Averaged over any interval of 30 seconds maximum.
F Measured with the maximum supply voltage.
H9530 SERIES
H10515B SERIES
H7260 SERIES
Type No.
(at 25
°C)
C
EE
Socket
Maximum Ratings D
Total
Average
Anode
Current
(
µA)
Supply
Voltage
(V dc)
-1200
-900
-900
Voltage
Divider
Current
(mA)
0.42 F
0.37 F
0.37 F
80
100
100
10
10
6
SD-106-T-22
SD-108-T-22
× 2 pcs
SD-108-T-22
ASP24307-02
Average
Anode
Current
per
Channel
(
µA)


Similar Part No. - H11460-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H11461-01 HAMAMATSU-H11461-01 Datasheet
75Kb / 2P
   Photosensor Modules
H11461 HAMAMATSU-H11461_15 Datasheet
75Kb / 2P
   Side-on PMT
H11462 HAMAMATSU-H11462_15 Datasheet
73Kb / 2P
   Side-on PMT
More results

Similar Description - H11460-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-L16 HAMAMATSU-R5900U-L16 Datasheet
285Kb / 8P
   LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
PerkinElmer Optoelectro...
TPLM086L55 PERKINELMER-TPLM086L55 Datasheet
258Kb / 1P
   Linear Array Module
logo
Hamamatsu Corporation
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9170-45 HAMAMATSU-H9170-45 Datasheet
339Kb / 4P
   NIR-PMT MODULE
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com