Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11460-01 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # H11460-01
Description  LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H11460-01 Datasheet(HTML) 7 Page - Hamamatsu Corporation

Back Button H11460-01 Datasheet HTML 3Page - Hamamatsu Corporation H11460-01 Datasheet HTML 4Page - Hamamatsu Corporation H11460-01 Datasheet HTML 5Page - Hamamatsu Corporation H11460-01 Datasheet HTML 6Page - Hamamatsu Corporation H11460-01 Datasheet HTML 7Page - Hamamatsu Corporation H11460-01 Datasheet HTML 8Page - Hamamatsu Corporation H11460-01 Datasheet HTML 9Page - Hamamatsu Corporation H11460-01 Datasheet HTML 10Page - Hamamatsu Corporation H11460-01 Datasheet HTML 11Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TPMHA0455EC
TPMHA0192EA
Figure 8: Dimensional Outline and Circuit Diagram (Unit: mm)
TPMHA0456EC
H7260A
-HV input cable type is available
H7260
SOCKET: SD-108-T-22 (Supplied)
20.32
2.54 TYP
× 2pcs
0.51
1.32
1.83
TACCA0204EA
2.54
5.08
7.62
7.5
0.8 MAX.
35.0
± 0.5
3.3
24.0
± 0.5
7
ANODE #32
ANODE #1
HOUSING (POM)
ANODE #32
ANODE #31
ANODE #1 to #32
OUTPUT ( 0.46)
(16PIN
× 2 LINE
2.54 PITCH)
ANODE #2
DY10
OUTPUT
PIN ( 0.5)
GND
TERMINAL
PIN ( 0.5)
ANODE #1
-HV INPUT
TERMINAL ( 0.5)
0.8 MAX.
3.3
35.0
± 0.5
450
± 10
5.08
7.62
2.54
-HV INPUT
(RG-174/U RED)
GND
TERMINAL
PIN ( 0.5)
ANODE #2
ANODE #1
HOUSING (POM)
ANODE #32
ANODE #31
DY10
OUTPUT
PIN ( 0.5)
ANODE #1 to #32
OUTPUT ( 0.46)
(16PIN
× 2 LINE
2.54 PITCH)
7.5
10 5
R10
G
K
R7
R6
R5
R4
R3
R2
R1
C1
C2
C3
C4
DY1 DY2 DY3 DY4 DY5 DY6 DY7 DY8 DY9
DY10
R9
R8
R11
GND TERMINAL PIN
SHIELD
SHIELD
-HV INPUT TERMINAL PIN
ANODE1 OUTPUT
ANODE2 OUTPUT
16
× 2 LINE
2.54 PITCH
ANODE31 OUTPUT
ANODE32 OUTPUT
DY10 OUTPUT
ACTIVE VOLTAGE DIVIDER
P1
P2
P31
P32
R1 to R7
R8, R9
R10
R11
: 220 k
: 51
: 1 M
: 10 k
C1 to C4 : 0.01
µF
DIVIDER CURRENT: 0.37 mA (at -900 V)
R10
G
K
R7
R6
R5
R4
R3
R2
R1
C1
C2
C3
C4
DY1 DY2 DY3 DY4 DY5 DY6 DY7 DY8 DY9
DY10
R9
R8
R11
GND TERMINAL PIN
SHIELD
SHIELD
-HV INPUT TERMINAL PIN
ANODE1 OUTPUT
ANODE2 OUTPUT
16
× 2 LINE
2.54 PITCH
ANODE31 OUTPUT
ANODE32 OUTPUT
DY10 OUTPUT
ACTIVE VOLTAGE DIVIDER
P1
P2
P31
P32
RELATED PRODUCTS for H9530 / H10515B / H7260 SERIES
* C10673, C10673-01: UL recognized
C4900, C4900-01
C10673, C10673-01
C4900
C4900-01
C10673
C10673-01
-1250
31
46
× 24 × 12
0.6
0.5
0.6
0.5
+15
+12
+15
+12
Type No.
Max. Output
Voltage
Output
Current
Input
Voltage Dimensions Weight
(V)
(g)
(mA)
(mA)
(mm)
HIGH VOLTAGE POWER SUPPLY UNIT


Similar Part No. - H11460-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H11461-01 HAMAMATSU-H11461-01 Datasheet
75Kb / 2P
   Photosensor Modules
H11461 HAMAMATSU-H11461_15 Datasheet
75Kb / 2P
   Side-on PMT
H11462 HAMAMATSU-H11462_15 Datasheet
73Kb / 2P
   Side-on PMT
More results

Similar Description - H11460-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-L16 HAMAMATSU-R5900U-L16 Datasheet
285Kb / 8P
   LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
PerkinElmer Optoelectro...
TPLM086L55 PERKINELMER-TPLM086L55 Datasheet
258Kb / 1P
   Linear Array Module
logo
Hamamatsu Corporation
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9170-45 HAMAMATSU-H9170-45 Datasheet
339Kb / 4P
   NIR-PMT MODULE
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com