Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM60014FV-E2 Datasheet(PDF) 5 Page - Rohm

Part # BM60014FV-E2
Description  Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM60014FV-E2 Datasheet(HTML) 5 Page - Rohm

  BM60014FV-E2 Datasheet HTML 1Page - Rohm BM60014FV-E2 Datasheet HTML 2Page - Rohm BM60014FV-E2 Datasheet HTML 3Page - Rohm BM60014FV-E2 Datasheet HTML 4Page - Rohm BM60014FV-E2 Datasheet HTML 5Page - Rohm BM60014FV-E2 Datasheet HTML 6Page - Rohm BM60014FV-E2 Datasheet HTML 7Page - Rohm BM60014FV-E2 Datasheet HTML 8Page - Rohm BM60014FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Datasheet
Datasheet
5/25
TSZ02201-0P5P0BH00010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Nov.2013 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BM60014FV-C
2) Under-voltage Lockout (UVLO) function
The BM60014FV-C incorporates the Under-voltage Lockout (UVLO) function both on the low and the high voltage sides.
When the power supply voltage drops to the UVLO ON voltage (low voltage side typ 3.4V, high voltage side voltage typ
9.5V), the OUT pin will output the “L” signal. In addition, to prevent malfunctions due to noises, a mask time of tUVLO1MSK
(typ 2.5µs) and tUVLO2MSK (typ 2.85µs) are set on both the low and the high voltage sides.
This IC does not have a function which feeds back the high voltage side state to the low voltage side.
After the high
voltage side UVLO is released, the input signal will take effect from the time after the input signal switches.
Figure 5. Input-side UVLO Function Operation Timing Chart
INA
OUT
VCC1
H
L
XFLT
H
L
Hi-Z
L
Figure 6. Output-side UVLO Function Operation Timing Chart
INA
OUT
VCC2
H
L
XFLT
H
L
Hi-Z
L
VUVLO1H
VUVLO2H
VUVLO2L
Hi-Z


Similar Part No. - BM60014FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60014FV-CE2 ROHM-BM60014FV-CE2 Datasheet
2Mb / 30P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-C ROHM-BM60014FV-C_15 Datasheet
2Mb / 30P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
More results

Similar Description - BM60014FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60052AFV-C ROHM-BM60052AFV-C Datasheet
3Mb / 41P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60013FV-C ROHM-BM60013FV-C Datasheet
1,012Kb / 33P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054AFV-C ROHM-BM60054AFV-C Datasheet
3Mb / 42P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C_15 Datasheet
2Mb / 39P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054FV-C ROHM-BM60054FV-C Datasheet
3Mb / 40P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60056FV-C ROHM-BM60056FV-C Datasheet
4Mb / 48P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM6105AFW-LBZ ROHM-BM6105AFW-LBZ Datasheet
2Mb / 31P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C Datasheet
994Kb / 38P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6102FV-C ROHM-BM6102FV-C Datasheet
955Kb / 35P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com