Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM60014FV-CE2 Datasheet(PDF) 1 Page - Rohm

Part # BM60014FV-CE2
Description  Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM60014FV-CE2 Datasheet(HTML) 1 Page - Rohm

  BM60014FV-CE2 Datasheet HTML 1Page - Rohm BM60014FV-CE2 Datasheet HTML 2Page - Rohm BM60014FV-CE2 Datasheet HTML 3Page - Rohm BM60014FV-CE2 Datasheet HTML 4Page - Rohm BM60014FV-CE2 Datasheet HTML 5Page - Rohm BM60014FV-CE2 Datasheet HTML 6Page - Rohm BM60014FV-CE2 Datasheet HTML 7Page - Rohm BM60014FV-CE2 Datasheet HTML 8Page - Rohm BM60014FV-CE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Datasheet
〇Product structure : Silicon integrated circuit 〇This product has no designed protection against radioactive rays
.
1/25
TSZ02201-0P5P0BH00010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Nov.2013 Rev.001
TSZ22111 • 14 • 001
www.rohm.com
Gate Driver Providing Galvanic isolation Series
Isolation voltage 2500Vrms
1ch Gate Driver Providing Galvanic Isolation
BM60014FV-C
General Description
The BM60014FV-C is a gate driver with an isolation
voltage of 2500Vrms, I/O delay time of 120ns, and
minimum input pulse width of 70ns. It incorporates the
fault signal output functions, Under-voltage Lockout
(UVLO) function and Miller clamp function.
Features
Providing Galvanic Isolation
Active Miller Clamping
Fault signal output function
Under-voltage Lockout function
AEC-Q100 Qualified
Applications
 IGBT Gate Driver
 MOSFET Gate Driver
Key Specifications
Isolation voltage:
2500Vrms
Maximum gate drive voltage:
24V
I/O delay time:
120ns(Max)
Minimum input pulse width:
70ns(Max)
Package
W(Typ) x D(Typ) x H(Max)
SSOP-B20W
6.50mm x 8.10mm x 2.01mm
Typical Application Circuits
1pin
GND1
NC
NC
VCC1
INA
INB
XFLT
NC
NC
GND1
NC
GND2
NC
VCC2
OUT
MC
NC
NC
GND2
NC
UVLO1
UVLO1
Pulse
Generator
UVLO2
S
Q
R
Pre-
driver
+
-
Figure 1. Application Circuits (IGBT Gate Driver)
1pin
GND1
NC
NC
VCC1
INA
INB
XFLT
NC
NC
GND1
NC
GND2
NC
VCC2
OUT
MC
NC
NC
GND2
NC
UVLO1
UVLO1
Pulse
Generator
UVLO2
S
Q
R
Pre-
driver
+
-
Figure 2. Application Circuits (MOSFET Gate Driver)


Similar Part No. - BM60014FV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60014FV-CE2 ROHM-BM60014FV-CE2 Datasheet
2Mb / 30P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
More results

Similar Description - BM60014FV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60052AFV-C ROHM-BM60052AFV-C Datasheet
3Mb / 41P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60013FV-C ROHM-BM60013FV-C Datasheet
1,012Kb / 33P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054AFV-C ROHM-BM60054AFV-C Datasheet
3Mb / 42P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C_15 Datasheet
2Mb / 39P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054FV-C ROHM-BM60054FV-C Datasheet
3Mb / 40P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60056FV-C ROHM-BM60056FV-C Datasheet
4Mb / 48P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM6105AFW-LBZ ROHM-BM6105AFW-LBZ Datasheet
2Mb / 31P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C Datasheet
994Kb / 38P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6102FV-C ROHM-BM6102FV-C Datasheet
955Kb / 35P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com