Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

169J Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 169J
Description  Straight Isolation - Hard Wired (169 Series)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

169J Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  169J Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
57
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Straight Isolation - Hard Wired (169 Series)
LINE ISOLATION
TRANSFORMERS
(115V to 115V)
Primary 115VAC, 60 Hz., Secondary 115VAC
Electrostatic shield between primary & secondary
Connectionbyflexibleleads,8"minimumlength
Perfectforcircuitisolationor"Classic"biaspower
supply
CSAcertified(#LR3902)
Remember
- These units do NOT convert line frequency
Transformer Schematic
Blk
Blk
0V Blu
110V Yel
115V Brn
120V Grn
130V Red
100V Blk/Red
90V Blk/Yel
LINE ISOLATION - TAPPED
TRANSFORMERS
(115V to 90-130V)
Primary 115VAC, 60 Hz.
Secondary taps @ 90, 100, 110, 115, 120 & 130VAC
Electrostatic shield between primary & secondary
Connectionbyflexibleleads,8"minimumlength
Perfectforcriticallinevoltageneeds(ex.Japanese
100V equipment).
CSAcertified(#LR3902)-except169J
Remember
- These units do NOT convert line frequency
Transformer Schematic
Blk
Blk
Yel
Yel
Part
No.
Capacity
Dimensions (Inches)
Wt.
Lbs.
VA Sec. Current
ma
A
B
C
D
E
169PS
15
130
1.88 2.07 2.50 1.50 1.19
1.3
169QS
40
260
2.19 2.50 2.63 1.75 1.44
2.5
169RS
60
435
2.50 2.75 3.06 2.00 1.69
3.3
169SS
90
650
2.50 3.25 3.06 2.00 2.19
4.5
169TS
135
870
3.13 3.50 3.81 2.50 2.19
6.5
169VS
175
1300
3.13 4.00 3.81 2.50 2.69
7
169WS 250
1700
3.75 4.00 4.56 3.00 2.81
12
Part
No.
Capacity
VA
Dimensions (Inches)
Wt.
Lbs.
A
B
C
D
E
169C
100
2.50
3.50
3.06
2.00
2.44
4
169E
250
3.75
4.00
4.56
3.00
2.81
7
169G
500
6.75
5.50
4.56
3.00
4.31
15
169J
750
4.38
6.13
5.25
3.50
4.50
22


Similar Part No. - 169J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
169 ETC2-169 Datasheet
115Kb / 2P
   RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Aries Electronics, Inc.
169 ARIES-169 Datasheet
653Kb / 2P
   PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
logo
Gilway Technical Lamp
169-1 GILWAY-169-1 Datasheet
44Kb / 1P
   Unbased Lens-End Lamps
logo
List of Unclassifed Man...
169-6510 ETC2-169-6510 Datasheet
34Kb / 1P
   Electronic Professional Side Cutters
169-6511 ETC2-169-6511 Datasheet
34Kb / 1P
   Electronic Professional Side Cutters
More results

Similar Description - 169J

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
170G HAMMOND-170G Datasheet
124Kb / 1P
   Hard Wired 170 Series
2/7/2021
logo
Gilway Technical Lamp
E169 GILWAY-E169 Datasheet
7Mb / 4P
   Engineering Catalog 169
E164 GILWAY-E164 Datasheet
45Kb / 1P
   Engineering Catalog 169
E40 GILWAY-E40 Datasheet
1,012Kb / 8P
   Engineering Catalog 169
logo
Texas Instruments
TPS62085EVM-169 TI-TPS62085EVM-169 Datasheet
2Mb / 14P
[Old version datasheet]   TPS62085EVM-169 Evaluation Module
logo
Adels-Contact
749965 ADELS-749965 Datasheet
109Kb / 1P
   AC 169 RWZ/ 5
30/12/2019
722014 ADELS-722014 Datasheet
124Kb / 2P
   AC 169 RST/ 4
30/12/2019
729280 ADELS-729280 Datasheet
120Kb / 1P
   AC 169 RVKS M20
30/12/2019
logo
TriQuint Semiconductor
855927 TRIQUINT-855927 Datasheet
610Kb / 5P
   169 MHz SAW Filter
logo
Adels-Contact
729030 ADELS-729030 Datasheet
147Kb / 1P
   AC 169 BC black
30/12/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com