Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175-6-410P Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 175-6-410P
Description  THERMAL COMPOUNDS, ADHESIVES AND INTERFACE MATERIALS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-6-410P Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  175-6-410P Datasheet HTML 1Page - List of Unclassifed Manufacturers 175-6-410P Datasheet HTML 2Page - List of Unclassifed Manufacturers 175-6-410P Datasheet HTML 3Page - List of Unclassifed Manufacturers 175-6-410P Datasheet HTML 4Page - List of Unclassifed Manufacturers 175-6-410P Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
173-7
173-9
174-9
175-6
Series
Series
Series
Series
No
Adhesive
No
No
Adhesive
Backing
Adhesive
Adhesive
Greaseless
173-9-210P
175-6-210P
173-7-220P
175-6-220P
173-7-230P
173-9-230P
175-6-230P
173-7-240P
173-7-240A
173-9-240P
175-6-240P
175-6-250P
175-6-280P
174-9-310P
175-6-310P
175-6-320P
175-6-330P
175-6-410P
175-6-610P
173-7-1212P
173-9-1212P
174-9-1212P
THERMAL COMPOUNDS, ADHESIVES AND INTERFACE MATERIALS
The 173, 174, and 175
Series are highly
efficient thermally con-
ductive insulators de-
signed for semi -
conductor interface
to heat sinks. Their
properties eliminate
messy concerns asso-
ciated with thermal
greases.
DeltaPads™
DeltaPads™
DeltaPads™
Kapton®
Test Method
173-7 Series
173-9 Series
174-9 Series
175-6 Series
Material Thickness
0.007 in.
0.009 in.
0.009 in.
0.006 in.
Micrometer
Color
Gray
Gray
Tan
Gray
Visual
Tear Strength, lb/in. Typical100
100
100
100
ASTM 0624
Volume Resistivity, megohm-cm, Minimum Normal
1.0 x 109
1.0 x 109
1.0 x 1013
1 x 1013
ASTM D257
Breakdown Voltage, Minimum
4,000
5,000
5,000
6,000
ASTM 0149
Dielectric Constant at 60 Hz and 100 V Maximum
2.70
2.40
2.50
5.5 @ 1,000 Hz
ASTM D 150
Continuous Use Temperature, °C
-60/+200
-60/+200
-60/+200
-60/+200
Thermal Conductivity, cal/cm sec. °C, Minimum
3 x 10-3
3 x 10-3
1 x 10-2
1.2 x 10-3
Thermal Resistance (TO-3), 1 in.2 °C/W
0.33
0.50
0.25
0.40
Recommended Mounting Pressure, lb/in.2
350/550
350/550
350/550
350/550
Formula*
Characteristics
T (torque [in.-lb] x N (number of fasteners)
0.2 x D (Thread Dia) x A (contact surface area square inches)
*P (pressure in psi) =
DeltaPads™ Thermally Conductive Insulators
Greaseless Thermally Conductive Kapton® Reinforced Insulators
TO-3, TO-66, TO-220,DO-4, DO-5 SHEET
MECHANICAL DIMENSIONS
TO-3
TO-66
TO-220
D04/05
Dimensions: in. (mm)
TO-5
DUAL TO-220
TO-66 (RECTANGLE)
SHEET
173/174 SERIES
175 SERIES
Accessory
Products
68
WTS001_p50-68
6/14/07
10:46 AM
Page 68


Similar Part No. - 175-6-410P

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
175-60.0M-10-05GO OSCILENT-175-60.0M-10-05GO Datasheet
135Kb / 2P
   High Frequency Quartz
175-60.0M-10-05GR OSCILENT-175-60.0M-10-05GR Datasheet
135Kb / 2P
   High Frequency Quartz
175-60.0M-10-05GS OSCILENT-175-60.0M-10-05GS Datasheet
135Kb / 2P
   High Frequency Quartz
175-60.0M-10-05GT OSCILENT-175-60.0M-10-05GT Datasheet
135Kb / 2P
   High Frequency Quartz
175-60.0M-10-05GW OSCILENT-175-60.0M-10-05GW Datasheet
135Kb / 2P
   High Frequency Quartz
More results

Similar Description - 175-6-410P

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
TG-V TGLOBAL-TG-V Datasheet
357Kb / 1P
   Thermal Phase Change Materials
20230721
logo
Tyco Electronics
S1125-KIT-5 MACOM-S1125-KIT-5 Datasheet
96Kb / 8P
   Adhesives
logo
3M Electronics
DP-820 3M-DP-820 Datasheet
32Kb / 8P
   Acrylic Adhesives
DP100 3M-DP100 Datasheet
539Kb / 8P
   Epoxy Adhesives
501FL 3M-501FL Datasheet
132Kb / 3P
   Ultra-clean Laminating Adhesives 501FL and 502FL
logo
Amphenol Corporation
925-127P-51P AMPHENOL-925-127P-51P Datasheet
110Kb / 1P
   MATERIALS AND FINISHES
925-128C-51A AMPHENOL-925-128C-51A Datasheet
115Kb / 1P
   MATERIALS AND FINISHES
925-118C-51S AMPHENOL-925-118C-51S Datasheet
145Kb / 1P
   MATERIALS AND FINISHES
925-120C-51R AMPHENOL-925-120C-51R Datasheet
114Kb / 1P
   MATERIALS AND FINISHES
925-123C-51A AMPHENOL-925-123C-51A Datasheet
127Kb / 1P
   MATERIALS AND FINISHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com