Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BR93H46RF-2LB Datasheet(HTML) 1 Page - Rohm

Part No. BR93H46RF-2LB
Description  Serial EEPROM Series Industrial EEPROM 125℃ Operation Microwire BUS EEPROM (3-wire)
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BR93H46RF-2LB Datasheet(HTML) 1 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 28 page
background image
Datasheet
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
1/25
www.rohm.com
TSZ02201-0R1R0G100250-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
27.Feb.2014 Rev.002
Serial EEPROM Series Industrial EEPROM
125℃ Operation Microwire BUS EEPROM (3-wire)
BR93H46RF-2LB
General
 Description
This is the product guarantees long time support
in
Industrial market.
BR93H46RF-2LB is a serial EEPROM of serial 3-line
interface method
Features
Long Time Support a Product for Industrial
Applications.
Conforming to Microwire BUS
Withstands Electrostatic Voltage up to 6kV
(HBM method typ)
Wide Temperature Range -40℃ to +125℃
Same package line-up and same pin configuration
2.5V to 5.5V Single Supply Voltage Operation
Address Auto Increment Function at READ
Operation
Prevention of write mistake
Write prohibition at power on
Write prohibition by command code
Write mistake prevention circuit at low voltage
Self-timed programming cycle
Program Condition Display by READY / BUSY
Low Supply Current
Write Operation (5V) : 0.8mA (Typ)
Read Operation (5V) : 0.5mA (Typ)
Standby Operation (5V) : 0.1
μA (Typ)
Compact package
High-Reliability using ROHM Original
Double-Cell structure
More than 100 years data retention
More than 1 million write cycles
Data set to FFFFh on all addresses at shipment
Package
W(Typ.) x D(Typ.) x H(Max.)
Application
Industrial Equipment
BR93H46RF-2LB
Capacity
Bit Format
Product Name
Supply Voltage
Package
1Kbit
64×16
BR93H46RF-2LB
2.5V to 5.5V
SOP8
SOP8
5.00mm x 6.20mm x 1.71mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn