Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BR93H46RF-2LB Datasheet(HTML) 2 Page - Rohm

Part No. BR93H46RF-2LB
Description  Serial EEPROM Series Industrial EEPROM 125℃ Operation Microwire BUS EEPROM (3-wire)
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BR93H46RF-2LB Datasheet(HTML) 2 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 28 page
background image
Datasheet
Datasheet
2/25
www.rohm.com
TSZ22111・15・001
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R1R0G100250-1-2
BR93H46RF-2LB
27.Feb.2014 Rev.002
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Remarks
Supply Voltage
VCC
-0.3 to +6.5
V
Permissible Dissipation
Pd
0.56
W
When using at Ta=25℃ or higher 4.5mW to be reduced per 1℃.
Storage Temperature Range
Tstg
-65 to +150
Operating Temperature Range
Topr
-40 to +125
Input Voltage/Output Voltage
-0.3 to VCC+0.3
V
Memory Cell Characteristics (VCC=2.5V to 5.5V)
Parameter
Limits
Unit
Conditions
Min
Typ
Max
Write Cycles
(1)
1,000,000
-
-
Cycles
Ta≦85℃
500,000
-
-
Cycles
Ta≦105℃
300,000
-
-
Cycles
Ta≦125℃
Data Retention
(1)
100
-
-
Years
Ta≦25℃
60
-
-
Years
Ta≦105℃
50
-
-
Years
Ta≦125℃
(1) Not 100% TESTED
Recommended Operating Conditions
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
2.5 to 5.5
V
Input Voltage
VIN
0 to VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn