Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BR93H46RF-2LB Datasheet(HTML) 6 Page - Rohm

Part No. BR93H46RF-2LB
Description  Serial EEPROM Series Industrial EEPROM 125℃ Operation Microwire BUS EEPROM (3-wire)
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BR93H46RF-2LB Datasheet(HTML) 6 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 28 page
background image
Datasheet
Datasheet
6/25
www.rohm.com
TSZ22111・15・001
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R1R0G100250-1-2
BR93H46RF-2LB
27.Feb.2014 Rev.002
Typical Performance Curves
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
23
456
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
23
4
56
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
0.0
0.2
0.4
0.6
0.8
1.0
012
345
OUTPUT LOW CURRENT : IOL
[mA]
SPEC
Ta= -40
Ta= 25
Ta= 125
0.0
0.2
0.4
0.6
0.8
1.0
012
345
OUTPUT LOW CURRENT : IOL
[mA]
SPEC
Ta= -40
Ta= 25
Ta= 125
Figure 4. Input High Voltage
(CS, SK, DI)
vs. Supply Voltage
Figure 5. Input Low Voltage
(CS, SK, DI)
vs. Supply Voltage
Figure 6. Output Low Voltage vs. Output Low Current
(VCC=2.5V)
Figure 7. Output Low Voltage vs. Output Low Current
(VCC=4.0V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn