Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BR93H46RF-2LB Datasheet(HTML) 8 Page - Rohm

Part No. BR93H46RF-2LB
Description  Serial EEPROM Series Industrial EEPROM 125℃ Operation Microwire BUS EEPROM (3-wire)
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BR93H46RF-2LB Datasheet(HTML) 8 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 28 page
background image
Datasheet
Datasheet
8/25
www.rohm.com
TSZ22111・15・001
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R1R0G100250-1-2
BR93H46RF-2LB
27.Feb.2014 Rev.002
Typical Performance Curves‐Continued
Figure 12. Supply Current at WRITE Operation
vs. Supply Voltage
(WRITE, fSK=2.0MHz)
Figure 13. Supply Current at READ Operation
vs. Supply Voltage
(READ, fSK=2.0MHz)
Figure 15. Standby Current
vs. Supply Voltage
Figure 14. Supply Current at WRAL Operation
vs. Supply Voltage
(WRAL, fSK=2.0MHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2
3
456
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
23
456
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
0
2
4
6
8
10
12
23
4
5
6
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
0.0
0.4
0.8
1.2
1.6
23
456
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn