Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-92 Datasheet(PDF) 6 Page - Littelfuse

Part # TO-92
Description  Sample Instructions for Choosing a Packing Option
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TO-92 Datasheet(HTML) 6 Page - Littelfuse

  TO-92 Datasheet HTML 1Page - Littelfuse TO-92 Datasheet HTML 2Page - Littelfuse TO-92 Datasheet HTML 3Page - Littelfuse TO-92 Datasheet HTML 4Page - Littelfuse TO-92 Datasheet HTML 5Page - Littelfuse TO-92 Datasheet HTML 6Page - Littelfuse TO-92 Datasheet HTML 7Page - Littelfuse TO-92 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Packing Options
Data Sheets
http://www.littelfuse.com
M3 - 6
2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
TO-202 Type 2 Reel Pack (RP)
Meets all EIA-468-B 1994 Standards
Reel Pack (RP) for TO-252 Embossed Carrier
Meets all EIA-481-2 Standards
MT1 / Cathode
MT2 / Anode
Gate
Direction of Feed
Dimensions
are in inches
(and millimeters).
0.708
(18.0)
1.33
(33.8)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
1.97
(50.0)
14.17
(360.0)
0.63
(16.0)
0.354
(9.0)
0.157
DIA
(4.0)
0.512 (13.0) Arbor
Hole Dia.
Gate
MT1 / Cathode
MT2 / Anode
0.63
(16.0)
0.157
(4.0)
0.64
(16.3)
12.99
(330.0)
0.524
(13.3)
0.315
(8.0)
0.059
DIA
(1.5)
*
* Cover tape
Direction of Feed
Dimensions
are in inches
(and millimeters).


Similar Part No. - TO-92

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
TO-92 WINNERJOIN-TO-92 Datasheet
148Kb / 1P
   TRANSISTOR (NPN)
logo
Supertex, Inc
TO-92 SUTEX-TO-92 Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
logo
List of Unclassifed Man...
TO-92 ETC-TO-92 Datasheet
169Kb / 4P
   TO-92 (3 leads) Leaded Thru-hole Plastic Package
logo
SHENZHEN YONGERJIA INDU...
TO-92 WINNERJOIN-TO-92 Datasheet
126Kb / 1P
   TRANSISTOR (PNP)
TO-92 WINNERJOIN-TO-92 Datasheet
126Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - TO-92

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8055NTP LITTELFUSE-S8055NTP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
K2000SRP LITTELFUSE-K2000SRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4006N4TP ETC2-Q4006N4TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
Littelfuse
L6006V8TP LITTELFUSE-L6006V8TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
L6008L6TP LITTELFUSE-L6008L6TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4004D4RP ETC2-Q4004D4RP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
FQD5N50CTM ETC2-FQD5N50CTM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
STMicroelectronics
AN1756 STMICROELECTRONICS-AN1756 Datasheet
208Kb / 10P
   Choosing a DALI implementation strategy with ST7DALIF2
logo
List of Unclassifed Man...
FQD3N40TM ETC2-FQD3N40TM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
STMicroelectronics
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
   Mounting instructions for STMicroelectronics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com