Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86UA-TE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT93C86UA-TE13
Description  1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C86UA-TE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT93C86UA-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C86UA-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C86UA-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C86UA-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C86UA-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86UA-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86UA-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86UA-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86UA-TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
93C46/56/57/66/86
Doc. No. 25056-00 2/98 M-1
Limits
VCC =VCC =VCC =
1.8V-6V*
2.5V-6V
4.5V-5.5V
Test
SYMBOL
PARAMETER
Min.
Max.
Min.
Max.
Min.
Max.
UNITS
Conditions
tCSS
CS Setup Time
200
150
50
ns
tCSH
CS Hold Time
0
0
0
ns
VIL = 0.45V
tDIS
DI Setup Time
400
250
50
ns
VIH = 2.4V
tDIH
DI Hold Time
400
250
50
ns
CL = 100pF
tPD1
Output Delay to 1
1
0.5
0.1
µsVOL = 0.8V
tPD0
Output Delay to 0
1
0.5
0.1
µsVOH = 2.0v
tHZ(1)
Output Delay to High-Z
400
200
100
ns
tEW
Program/Erase Pulse Width
5
5
5
ms
tCSMIN
Minimum CS Low Time
1
0.5
0.1
µs
tSKHI
Minimum SK High Time
1
0.5
0.1
µs
tSKLOW
Minimum SK Low Time
1
0.5
0.1
µs
tSV
Output Delay to Status Valid
1
0.5
0.1
µsCL = 100pF
SKMAX
Maximum Clock Frequency
DC
250
DC
1000
DC
3000
KHZ
A.C. CHARACTERISTICS (93C46/56/57/66)
Limits
VCC =VCC =VCC =
1.8V-6V*
2.5V-6V
4.5V-5.5V
Test
SYMBOL
PARAMETER
Min.
Max.
Min.
Max.
Min.
Max.
UNITS
Conditions
tCSS
CS Setup Time
200
100
50
ns
tCSH
CS Hold Time
0
0
0
ns
VIL = 0.45V
tDIS
DI Setup Time
400
200
100
ns
VIH = 2.4V
tDIH
DI Hold Time
400
200
100
ns
CL = 100pF
tPD1
Output Delay to 1
1
0.5
0.25
µsVOL = 0.8V
tPD0
Output Delay to 0
1
0.5
0.25
µsVOH = 2.0v
tHZ(1)
Output Delay to High-Z
400
200
100
ns
tEW
Program/Erase Pulse Width
10
10
10
ms
tCSMIN
Minimum CS Low Time
1
0.5
0.25
µs
tSKHI
Minimum SK High Time
1
0.5
0.25
µs
tSKLOW
Minimum SK Low Time
1
0.5
0.25
µs
tSV
Output Delay to Status Valid
1
0.5
0.25
µsCL = 100pF
SKMAX
Maximum Clock Frequency
DC
250
DC
500
DC
1000
KHZ
* Preliminary data for 93C56/57/66
CL = 100pF
A.C. CHARACTERISTICS (93C86)
CL = 100pF
NOTE:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT93C86UA-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86UA-1.8TE13 CATALYST-CAT93C86UA-1.8TE13 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C86UA-TE13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com