Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU5265HFV-TR Datasheet(PDF) 3 Page - Rohm

Part # BU5265HFV-TR
Description  Input Full Swing, Push-pull Output CMOS Comparators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU5265HFV-TR Datasheet(HTML) 3 Page - Rohm

  BU5265HFV-TR Datasheet HTML 1Page - Rohm BU5265HFV-TR Datasheet HTML 2Page - Rohm BU5265HFV-TR Datasheet HTML 3Page - Rohm BU5265HFV-TR Datasheet HTML 4Page - Rohm BU5265HFV-TR Datasheet HTML 5Page - Rohm BU5265HFV-TR Datasheet HTML 6Page - Rohm BU5265HFV-TR Datasheet HTML 7Page - Rohm BU5265HFV-TR Datasheet HTML 8Page - Rohm BU5265HFV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200430-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
3/17
27.Nov.2013 Rev.001
TSZ22111・15・001
BU5265HFV
BU5265SHFV
Electrical Characteristics
○BU5265HFV, BU5265SHFV(Unless otherwise specified VDD=+3V, VSS=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 5)
VIO
25°C
-
1
6
mV
-
Input Offset Current
(Note 5)
IIO
25°C
-
1
-
pA
-
Input Bias Current
(Note 5)
IB
25°C
-
1
-
pA
-
Supply Current
(Note 6)
IDD
25°C
-
22
45
μA
RL=∞
Full range
-
-
90
Maximum Output Voltage(High)
VOH
25°C
VDD-0.1
-
-
V
RL=10kΩ
Maximum Output Voltage(Low)
VOL
25°C
-
-
VSS+0.1
V
RL=10kΩ
Large Signal Voltage Gain
AV
25°C
-
90
-
dB
RL=10kΩ
Input Common-mode
Voltage Range
VICM
25°C
0
-
3
V
VSS to VDD
Common-mode Rejection Ratio
CMRR
25°C
-
80
-
dB
-
Power Supply Rejection Ratio
PSRR
25°C
-
80
-
dB
-
Output Source Current
(Note 7)
ISOURCE
25°C
1.5
3.5
-
mA
OUT=VDD-0.4V
Output Sink Current
(Note 7)
ISINK
25°C
2.5
5
-
mA
OUT=VSS+0.4V
Output Rise Time
TR
25°C
-
50
-
ns
CL=15pF, IN-=1.5V
100mV Overdrive
Output Fall Time
TF
25°C
-
20
-
ns
CL=15pF, IN-=1.5V
100mV Overdrive
Propagation Delay Time
Low to High
TPLH
25°C
-
0.5
-
µs
CL=15pF, IN-=1.5V
100mV Overdrive
Propagation Delay Time
High to Low
TPHL
25°C
-
0.25
-
µs
CL=15pF, IN-=1.5V
100mV Overdrive
(Note 5) Absolute value
(Note 6) Full range:
BU5265HFV: TA=-40°C to +85°C BU5265SHFV: TA=-40°C to +105°C
(Note 7) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BU5265HFV-TR

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
BU526 WINGS-BU526 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Savantic, Inc.
BU526 SAVANTIC-BU526 Datasheet
109Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU526 ISC-BU526 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BU526 SAVANTIC-BU526 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU526 NJSEMI-BU526 Datasheet
125Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BU5265HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU5255HFV ROHM-BU5255HFV Datasheet
494Kb / 21P
   Input Full Swing, Push-pull Output Low Supply Current CMOS Comparators
BU7242NUX-TR ROHM-BU7242NUX-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BU7230G ROHM-BU7230G Datasheet
613Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7250G ROHM-BU7250G Datasheet
635Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7233YF-C ROHM-BU7233YF-C Datasheet
1Mb / 22P
   Input Full Swing Open Drain Output Low Supply Current CMOS Comparators
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
Rohm
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com