Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7250SG Datasheet(PDF) 6 Page - Rohm

Part # BU7250SG
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7250SG Datasheet(HTML) 6 Page - Rohm

Back Button BU7250SG Datasheet HTML 2Page - Rohm BU7250SG Datasheet HTML 3Page - Rohm BU7250SG Datasheet HTML 4Page - Rohm BU7250SG Datasheet HTML 5Page - Rohm BU7250SG Datasheet HTML 6Page - Rohm BU7250SG Datasheet HTML 7Page - Rohm BU7250SG Datasheet HTML 8Page - Rohm BU7250SG Datasheet HTML 9Page - Rohm BU7250SG Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200450-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
6/24
4.Dec.2013 Rev.001
TSZ22111・15・001
BU7250G
BU7250SG
BU7253F
BU7253SF
Typical Performance Curves
○BU7250G, BU7250SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7250G: -40
C to +85C BU7250SG: -40C to +105C
0
5
10
15
20
25
30
35
12
3
4
56
Supply Voltage [V]
0
5
10
15
20
25
30
35
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
Figure 1.
Power Dissipation vs Ambient Temperature
(Derating Curve)
Figure 2.
Power Dissipation vs Ambient Temperature
(Derating Curve)
Figure 3.
Supply Current vs Supply Voltage
Figure 4.
Supply Current vs Ambient Temperature
-40°C
25°C
85°C
105°C
1.8V
5.5V
3.0V
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature [°C]
BU7250G
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature [°C]
BU7250SG
85
105


Similar Part No. - BU7250SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7251F-E2 ROHM-BU7251F-E2 Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7251F-TR ROHM-BU7251F-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7251FVM-E2 ROHM-BU7251FVM-E2 Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7251FVM-TR ROHM-BU7251FVM-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
More results

Similar Description - BU7250SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7230G ROHM-BU7230G Datasheet
613Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7233YF-C ROHM-BU7233YF-C Datasheet
1Mb / 22P
   Input Full Swing Open Drain Output Low Supply Current CMOS Comparators
BU5255HFV ROHM-BU5255HFV Datasheet
494Kb / 21P
   Input Full Swing, Push-pull Output Low Supply Current CMOS Comparators
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU5265HFV ROHM-BU5265HFV Datasheet
477Kb / 20P
   Input Full Swing, Push-pull Output CMOS Comparators
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com