Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD584JH Datasheet(PDF) 8 Page - Analog Devices

Part # AD584JH
Description  Pin Programmable, Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD584JH Datasheet(HTML) 8 Page - Analog Devices

Back Button AD584JH Datasheet HTML 4Page - Analog Devices AD584JH Datasheet HTML 5Page - Analog Devices AD584JH Datasheet HTML 6Page - Analog Devices AD584JH Datasheet HTML 7Page - Analog Devices AD584JH Datasheet HTML 8Page - Analog Devices AD584JH Datasheet HTML 9Page - Analog Devices AD584JH Datasheet HTML 10Page - Analog Devices AD584JH Datasheet HTML 11Page - Analog Devices AD584JH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD584
Data Sheet
Rev. C | Page 8 of 12
NOISE FILTERING
The bandwidth of the output amplifier in the AD584 can be
reduced to filter output noise. A capacitor ranging between 0.01 µF
and 0.1 µF connected between the CAP and VBG terminals further
reduces the wideband and feedthrough noise in the output of
the AD584, as shown in Figure 9 and Figure 10. However, this
tends to increase the turn-on settling time of the device; therefore,
allow for ample warm-up time.
Figure 9. Additional Noise Filtering with an External Capacitor
Figure 10. Spectral Noise Density and Total RMS Noise vs. Frequency
USING THE STROBE TERMINAL
The AD584 has a strobe input that can be used to zero the output.
This unique feature permits a variety of new applications in
signal and power conditioning circuits.
Figure 11 illustrates the strobe connection. A simple NPN switch
can be used to translate a TTL logic signal into a strobe of the
output. The AD584 operates normally when there is no current
drawn from Pin 5. Bringing this terminal low, to less than 200 mV,
allows the output voltage to go to zero. In this mode, the AD584
is not required to source or sink current (unless a 0.7 V residual
output is permissible). If the AD584 is required to sink a transient
current while strobe is off, limit the strobe terminal input current
by a 100 Ω resistor, as shown in Figure 11.
Figure 11. Use of the Strobe Terminal
The strobe terminal tolerates up to 5 µA leakage, and its driver
should be capable of sinking 500 µA continuous. A low leakage,
open collector gate can be used to drive the strobe terminal directly,
provided the gate can withstand the AD584 output voltage plus 1 V.
PERCISION HIGH CURRENT SUPPLY
The AD584 can be easily connected to a power PNP or power
PNP Darlington device to provide much greater output current
capability. The circuit shown in Figure 12 delivers a precision
10 V output with up to 4 A supplied to the load. If the load has a
significant capacitive component, the 0.1 µF capacitor is required.
If the load is purely resistive, improved high frequency, supply
rejection results from removing the capacitor.
Figure 12. High Current Precision Supply
AD584
1
10.0V
8
SUPPLY
V+
4
COMMON
7
CAP
6
VBG
0.01µF*
TO
0.1µF
*INCREASES TURN-ON TIME
1000
100
1
10
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
NOISE SPECTRAL DENSITY (nV/ Hz)
TOTAL NOISE (µV rms) UP TO
SPECIFIED FREQUENCY
NO CAP
NO CAP
100pF
1000pF
0.01µF
AD584
1
10.0V
2
3
8
V+
4
COMMON
5
STROBE
10kΩ
20kΩ
2N2222
100Ω
LOGIC
INPUT
HI = OFF
LO = ON
AD584
1
10.0V
VOUT
10V @ 4A
8
V+
4
COMMON
470Ω
0.1µF
VIN ≥ 15V
2N6040


Similar Part No. - AD584JH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD584JH AD-AD584JH Datasheet
304Kb / 8P
   Pin Programmable Precision Voltage Reference
REV. A
AD584JH AD-AD584JH Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584JH AD-AD584JH Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
More results

Similar Description - AD584JH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD584 AD-AD584 Datasheet
304Kb / 8P
   Pin Programmable Precision Voltage Reference
REV. A
AD584 AD-AD584_12 Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584TH AD-AD584TH Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584 Datasheet
296Kb / 8P
   Pin Programmable Precision Voltage Reference
Rev 1; 8/96
MX584 MAXIM-MX584_V01 Datasheet
642Kb / 11P
   Pin-Programmable, Precision Voltage Reference
2004
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com