Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7250G-TR Datasheet(PDF) 7 Page - Rohm

Part # BU7250G-TR
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7250G-TR Datasheet(HTML) 7 Page - Rohm

Back Button BU7250G-TR Datasheet HTML 3Page - Rohm BU7250G-TR Datasheet HTML 4Page - Rohm BU7250G-TR Datasheet HTML 5Page - Rohm BU7250G-TR Datasheet HTML 6Page - Rohm BU7250G-TR Datasheet HTML 7Page - Rohm BU7250G-TR Datasheet HTML 8Page - Rohm BU7250G-TR Datasheet HTML 9Page - Rohm BU7250G-TR Datasheet HTML 10Page - Rohm BU7250G-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200450-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
7/24
4.Dec.2013 Rev.001
TSZ22111・15・001
BU7250G
BU7250SG
BU7253F
BU7253SF
Typical Performance Curves - continued
○BU7250G, BU7250SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7250G: -40
C to +85C BU7250SG: -40C to +105C
0
1
2
3
4
5
6
12
3
45
6
Supply Voltage [V]
0
5
10
15
20
25
30
12
3
4
56
Output Voltage [V]
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
Figure 7.
Maximum Output Voltage (Low) vs Supply Voltage
(RL=10kΩ)
Figure 5.
Maximum Output Voltage (High) vs Supply Voltage
(RL=10kΩ, VRL=3V)
Figure 6.
Maximum Output Voltage (High) vs Ambient Temperature
(RL=10kΩ, VRL=3V)
Figure 8.
Maximum Output Voltage (Low) vs Ambient Temperature
(RL=10kΩ)
-40°C
25°C
85°C
105°C
1.8V
5.5V
3.0V
-40°C
25°C
85°C
105°C
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
1.8V
5.5V
3.0V


Similar Part No. - BU7250G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7251F-E2 ROHM-BU7251F-E2 Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7251F-TR ROHM-BU7251F-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7251FVM-E2 ROHM-BU7251FVM-E2 Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7251FVM-TR ROHM-BU7251FVM-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
More results

Similar Description - BU7250G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7230G ROHM-BU7230G Datasheet
613Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7233YF-C ROHM-BU7233YF-C Datasheet
1Mb / 22P
   Input Full Swing Open Drain Output Low Supply Current CMOS Comparators
BU5255HFV ROHM-BU5255HFV Datasheet
494Kb / 21P
   Input Full Swing, Push-pull Output Low Supply Current CMOS Comparators
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU5265HFV ROHM-BU5265HFV Datasheet
477Kb / 20P
   Input Full Swing, Push-pull Output CMOS Comparators
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com