Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1551EZK-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1551EZK-T
Description  SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1551EZK-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1551EZK-T Datasheet HTML 1Page - Maxim Integrated Products MAX1551EZK-T Datasheet HTML 2Page - Maxim Integrated Products MAX1551EZK-T Datasheet HTML 3Page - Maxim Integrated Products MAX1551EZK-T Datasheet HTML 4Page - Maxim Integrated Products MAX1551EZK-T Datasheet HTML 5Page - Maxim Integrated Products MAX1551EZK-T Datasheet HTML 6Page - Maxim Integrated Products MAX1551EZK-T Datasheet HTML 7Page - Maxim Integrated Products MAX1551EZK-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Detailed Description
The MAX1551/MAX1555 charge a single-cell Li+ bat-
tery from both USB and AC adapter sources, enabling
portable users to forgo carrying a wall cube. These
devices operate with no external FETs or diodes, and
accept operating input voltages up to 7V.
An internal thermal control loop simplifies PC board lay-
out and allows optimum charging rate without the ther-
mal limits imposed by worst-case battery and input
voltage. When the MAX1551/MAX1555 thermal limits
are reached, the chargers do not shut down, but simply
reduce charging current by 17mA/
°C above a die tem-
perature of +110
°C.
With USB connected, but without DC power, the charge
current is set to 100mA (max). This allows charging
from both powered and unpowered USB hubs with no
port communication required. When DC power is con-
nected, charging current is set at 280mA (typ). The
MAX1551/MAX1555 do not feature an enable input.
Once power is connected to USB and/or DC, the
charger is on.
When input power is removed, battery leakage current
is less than 5µA. No input-blocking diodes are required
to prevent battery drain. Insert a diode at DC (the
adapter input) if protection from negative voltage inputs
(reversed-polarity adapter plugs) is required.
USB to Adapter Power Handoff
The MAX1551/MAX1555 can charge from either the
USB input or the DC input. The battery does not charge
from both sources at the same time. The MAX1551/
MAX1555 automatically detect the active input and
charge from that. If both power sources are active, the
DC input takes precedence. The switchover between
DC and USB is detailed in Table 1.
MAX1551 Power-OK (
POK)
The MAX1551’s POK is an active-low, open-drain out-
put that goes low when VDC or VUSB is above 3.95V.
POK can be used as a logic output or can drive an
LED. POK indicates the charger is connected to input
power and is charging.
MAX1555 Charge Status (
CHG)
The MAX1555’s CHG is an active-low, open-drain
charge status indicator. CHG pulls low when the battery
is charging (whenever USB or DC are powered) and
charge current is greater than 50mA. CHG indicates
when the battery is fully charged by going high imped-
ance when the charger is in voltage mode and charge
current falls below 50mA. Charging does not stop when
CHG goes high. CHG is low in precharge mode.
SOT23 Dual-Input USB/AC Adapter 1-Cell Li+
Battery Chargers
Pin Description
PIN
NAME
FUNCTION
1
USB
USB Port Charger Supply Input. USB draws up to 100mA to charge the battery. Decouple USB with a 1µF
ceramic capacitor to GND.
2
GND
Ground
POK
Power-OK Active-Low Open-Drain Charger Status Indicator.
POK pulls low when either charger source is
present (MAX1551 only).
3
CHG
Active-Low Open-Drain Charge Status Indicator.
CHG pulls low when the battery is charging. CHG goes to a
high-impedance state, indicating the battery is fully charged, when the charger is in voltage mode and
charge current falls below 50mA.
CHG is high impedance when both input sources are low (MAX1555 only).
4DC
DC Charger Supply Input for an AC Adapter. DC draws 280mA to charge the battery. Decouple DC with a
1µF ceramic capacitor to GND.
5
BAT
Battery Connection. Decouple BAT with a 1µF ceramic capacitor to GND.
VDC > 7V OR VUSB > 6V
VDC > 3.95V AND
VUSB DON’T CARE
VDC < 3.52V AND
3.95V < VUSB < 6V
VDC AND VUSB < 3.52V
Exceeds operating input range. Not allowed. See the
Absolute Maximum Ratings section.
280mA (typ)
charging from DC
100mA (max)
charging from USB
Undervoltage lockout
Table 1. USB and DC Input Selection
(VDC takes precedence when both inputs are present.)
MAX1551/MAX1555
Maxim Integrated
5


Similar Part No. - MAX1551EZK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1551 MAXIM-MAX1551 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
More results

Similar Description - MAX1551EZK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
logo
Linear Technology
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
   28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874 Datasheet
405Kb / 16P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Rev 0; 7/03
MAX8903A MAXIM-MAX8903A_13 Datasheet
1Mb / 30P
   2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
Rev 5; 9/11
logo
Linear Technology
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com