Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDE1245PFB3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # KDE1245PFB3
Description  KDE SERIES DC Brushless Fan&Blower Traditional Motor Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KDE1245PFB3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  KDE1245PFB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers KDE1245PFB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers KDE1245PFB3 Datasheet HTML 3Page - List of Unclassifed Manufacturers KDE1245PFB3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Model Numbering System
12
08
P
T
S
1
FAN SERIES
KDE: DC MOTOR FAN
VOLTAGE
05:5VDC 12:12VDC
24:24VDC 48:48VDC
FRAME SIZE
12:120mm 06:60mm 45:45mm 28:28mm
09:92mm
55:55mm 04:40mm 02:25mm
08:80mm
05:52mm 35:35mm 01:20mm
07:70mm 05:50mm 03:30mm 17:17mm
FRAME SHAPE
P:PBT Plastic
A:Aluminum
A:auto restart
Blank:without auto restart
MOTOR POLES
8: 8 Poles 6: 6 Poles
Blank: 4 Poles
SPEED
X:SUPER 1:HIGH
2:MIDDLE 3:LOW
4:EXTRA LOW
BEARING SYSTEM
S: Sleeve
B:Ball
FRAME THICKNESS
8
A
P/N Suffix
KDE
M:38mm L :32mm T :25mm
Q:28mm K:20mm
H:15mm
G:12mm F :10mm
D:7~8mm
E:6mm C:4.8mm
P/N
P/N suffixes have the following significance
Example: KDE1205PFB1 P/N:H.G
3rd wire with rotation detector waveform
(Only available for 8025/9225/12025/12038 Series)
3rd wire with frequency generation waveform
(Only available for 8025/9225/12025/12038 Serie)
two ball bearing
component/process upgraded
low voltage start-up & open collector type
low voltage
smaller hub
big hub
new blade
3rd wire square with open collector type
3rd wire square wave signal was not amplifed
3rd wire square with open collector type (only available for P/N: H)
special circuit design
different dimensions, particular process or supplementary component parts
R
F
(2)
H
OC
LV
N
G
V
TM
M
BXX
CXX
:
:
:
:
:
:
:
:
:
:
:
:
:
2001/4/1
Worldwide Locations
Headquarters: Sunonwealth Electric Machine Industry Co., Ltd.
12th floor, 120 Chung Cheng 1st Road, Kaohsiung, Taiwan, R.O.C.
TEL: +886-7-7163069(41 lines)
FAX: +886-7-7163086
URL: http://www.sunon.com
E-mail: sunon@www.sunon.com.tw
Sunon Inc. (U.S.A.)
1075 West Lambert Road Suite A, Brea, California 92821 U.S.A
TEL : +1-714-255-0208
FAX :+ 1-714-255-0802
URL : http://www.sunonusa.com E-mail : info@sunon.com
Sunon SAS (Europe)
Parc Medicis, 66, Ave Des Pepinieres 94832, Fresnes Cedex-France
TEL : +33-1-46154515
FAX : +33-1-46154510
URL: http://www.sunon.fr E-mail : info@sunon.fr
Sunon Corporation (Japan)
Stork Minami Otsuka 4Fl.33-1, 2 Chome,
Minami Otsuka Toshimaku, Tokyo Japan 170-0005
TEL : +81-3-5395-3069 FAX: +81-3-5395-3080
URL: http://sunon.co.jp E-mail : info@sunon.co.jp
Sunonwealth Electric Machine Industry (HK) Ltd. (Hong Kong)
1513 Nan Fung Center, 264 Castle Peak Road, Tsuen Wan, Hong Kong
TEL :+ 852-24-111-388
FAX : +852-24-050-707
E-mail : info@sunon.com.hk
Sunon Technologies PTE Ltd. (Singapore)
10 Jalan Besar, #09-09, Sim Llim Tower, Singapore 208787
TEL : +65-299-0428
FAX :+65-392-2530
E-mail : info@sunon.com.hk


Similar Part No. - KDE1245PFB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KDE1204PKV1 ETC-KDE1204PKV1 Datasheet
145Kb / 3P
   MagLev Motor Fan
KDE1204PKV2 ETC-KDE1204PKV2 Datasheet
145Kb / 3P
   MagLev Motor Fan
KDE1204PKV3 ETC-KDE1204PKV3 Datasheet
145Kb / 3P
   MagLev Motor Fan
KDE1204PKVX ETC-KDE1204PKVX Datasheet
145Kb / 3P
   MagLev Motor Fan
More results

Similar Description - KDE1245PFB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EEC0384B2-000U-A99 ETC-EEC0384B2-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
KDE8218XF-120 ETC1-KDE8218XF-120 Datasheet
624Kb / 1P
   KDE DIRECT UAS BRUSHLESS MOTOR
logo
CoolCox Limited All rig...
BF3510 COOLCOX-BF3510 Datasheet
348Kb / 1P
   DC Blower Fan 35x35x10mm
BF4010L05S COOLCOX-BF4010L05S Datasheet
340Kb / 1P
   DC Blower Fan 40x40x10mm
BF3015 COOLCOX-BF3015 Datasheet
357Kb / 1P
   DC Blower Fan 30x30x15mm
BF3515 COOLCOX-BF3515 Datasheet
333Kb / 1P
   DC Blower Fan 35x35x15mm
BF8020 COOLCOX-BF8020 Datasheet
626Kb / 1P
   DC Blower Fan 81x80x21.5mm
BF11025 COOLCOX-BF11025 Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF3007 COOLCOX-BF3007 Datasheet
335Kb / 1P
   DC Blower Fan 30x30x07mm
BF4515 COOLCOX-BF4515 Datasheet
323Kb / 1P
   DC Blower Fan 45x45x15mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com