Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3518ETPT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3518ETPT
Description  DOCSIS 3.0 Upstream Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3518ETPT Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX3518ETPT Datasheet HTML 1Page - Maxim Integrated Products MAX3518ETPT Datasheet HTML 2Page - Maxim Integrated Products MAX3518ETPT Datasheet HTML 3Page - Maxim Integrated Products MAX3518ETPT Datasheet HTML 4Page - Maxim Integrated Products MAX3518ETPT Datasheet HTML 5Page - Maxim Integrated Products MAX3518ETPT Datasheet HTML 6Page - Maxim Integrated Products MAX3518ETPT Datasheet HTML 7Page - Maxim Integrated Products MAX3518ETPT Datasheet HTML 8Page - Maxim Integrated Products MAX3518ETPT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DOCSIS 3.0 Upstream Amplifier
6 _______________________________________________________________________________________
Detailed Description
Programmable-Gain Amplifier
The programmable-gain amplifier (PGA) provides 63dB
of output level control in 1dB steps. The gain of the
PGA is determined by a 6-bit gain code (GC5–GC0)
programmed through the serial data interface (Tables
1 and 2). Specified performance is achieved when the
input is driven differentially.
Four power codes (PC1–PC0) allow the PGA to be used
with reduced bias current when distortion performance
can be relaxed. In addition, for each power code, bias
current is automatically reduced with gain code for
maximum efficiency.
The PGA features a differential Class A output stage
capable of driving four +58dBmV QPSK modulated
signals, or a single +64dBmV QPSK modulated signal
into a 75Ω load. This architecture provides superior
even-order distortion performance but requires that a
transformer be used to convert to a single-ended out-
put. In transmit-disable mode, the output amplifiers
are powered down, resulting in low output noise, while
maintaining impedance match.
3-Wire Serial Interface (SPI)
and Control Registers
The MAX3518 includes two programmable registers
for initializing the part and setting the gain and power
consumption. The 4 MSBs are address bits; the 8 least
significant bits (LSBs) are used for register data. Data is
shifted MSB first.
Note:
The registers must be written 100µs after the
device is powered up, and no earlier. Once a new set
of register data is clocked in, the corresponding power
code and/or gain code does not take effect until TXEN
transitions from high to low.
Applications Information
Power Codes
The MAX3518 is designed to meet the stringent linearity
requirements of DOCSIS 3.0 using power code (PC) 3.
For DOCSIS 2.0, PC = 1 is recommended, which results
in substantial supply current reduction. The full range of
gain codes can be used in any power code. The gain
difference between power codes is typically less than
0.1dB.
Pin Description
PIN
NAME
FUNCTION
1, 5
GND
Ground
2
IN+
Positive PGA Input
3
IN-
Negative PGA Input
4, 11
N.C.
No Connection. These pins must remain open.
6
SCLK
Serial Interface Clock
7
SDA
Serial Interface Data
8
CS
Serial Interface Enable
9
TXEN
Transmit Enable. TXEN = high places the device in transmit mode.
10
VCC
Supply Voltage for Serial Interface
12
OUT-
Negative Output
13, 15, 16, 18,
19, 20
N.C.
No Connection. Connect these pins to ground.
14
OUT+
Positive Output
17
VCC
Supply Voltage for Programmable-Gain Amplifier (PGA)
EP
Ground
Table 1. Register Description
REGISTER
NAME
REGISTER
ADDRESS
DATA 8 BITS
B7
B6
B5
B4
B3
B2
B1
B0
Power/Gain
0000
PC2
PC1
GC5
GC4
GC3
GC2
GC1
GC0
Initialize
0001
0
0
0
0
0
0
0
0


Similar Part No. - MAX3518ETPT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3518ETP++ MAXIM-MAX3518ETP+ Datasheet
455Kb / 9P
   Ultra-Low 25mW Dissipation in Transmit-Disable Mode
Rev 0; 2/09
More results

Similar Description - MAX3518ETPT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3031 NXP-BGA3031 Datasheet
228Kb / 19P
   DOCSIS 3.0 upstream amplifier
Rev. 1-15 August 2013
logo
Maxim Integrated Produc...
MAX3519 MAXIM-MAX3519 Datasheet
767Kb / 12P
   DOCSIS 3.0 Upstream Amplifier
19-7344; Rev 1; 1/16
logo
NXP Semiconductors
BGA3131 NXP-BGA3131 Datasheet
544Kb / 26P
   DOCSIS 3.1 upstream amplifier
Rev. 1-13 May 2016
logo
TriQuint Semiconductor
TAT2814A1L TRIQUINT-TAT2814A1L_15 Datasheet
711Kb / 12P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
TAT2814A TRIQUINT-TAT2814A Datasheet
720Kb / 11P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
logo
List of Unclassifed Man...
MT1550 ETC1-MT1550 Datasheet
131Kb / 2P
   UPSTREAM AMPLIFIER
MT1530 ETC1-MT1530 Datasheet
437Kb / 14P
   UPSTREAM AMPLIFIER
logo
RF Micro Devices
S518324-44Z RFMD-S518324-44Z Datasheet
162Kb / 7P
   UPSTREAM CATV AMPLIFIER
logo
Maxim Integrated Produc...
MAX3509 MAXIM-MAX3509 Datasheet
216Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/00
MAX3510 MAXIM-MAX3510_07 Datasheet
151Kb / 12P
   Upstream CATV Amplifier
Rev 4; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com