Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3393EETDT Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3393EETDT
Description  ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3393EETDT Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3393EETDT Datasheet HTML 6Page - Maxim Integrated Products MAX3393EETDT Datasheet HTML 7Page - Maxim Integrated Products MAX3393EETDT Datasheet HTML 8Page - Maxim Integrated Products MAX3393EETDT Datasheet HTML 9Page - Maxim Integrated Products MAX3393EETDT Datasheet HTML 10Page - Maxim Integrated Products MAX3393EETDT Datasheet HTML 11Page - Maxim Integrated Products MAX3393EETDT Datasheet HTML 12Page - Maxim Integrated Products MAX3393EETDT Datasheet HTML 13Page - Maxim Integrated Products MAX3393EETDT Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
10
Maxim Integrated
Detailed Description
The MAX3372E–MAX3379E and MAX3390E–MAX3393E
ESD-protected level translators provide the level shifting
necessary to allow data transfer in a multivoltage system.
Externally applied voltages, VCC and VL, set the logic lev-
els on either side of the device. A low-voltage logic signal
present on the VL side of the device appears as a high-
voltage logic signal on the VCC side of the device, and
vice-versa. The MAX3374E/MAX3375E/MAX3376E/
MAX3379E and MAX3390E–MAX3393E unidirectional
level translators level shift data in one direction (VL
VCC or VCC
→ VL) on any single data line. The
MAX3372E/MAX3373E and MAX3377E/MAX3378E bidi-
rectional level translators utilize a transmission-gate-
based design (see Figure 2) to allow data translation in
either direction (VL
↔ VCC) on any single data line. The
MAX3372E–MAX3379E and MAX3390E–MAX3393E
accept VL from +1.2V to +5.5V and VCC from +1.65V to
+5.5V, making them ideal for data transfer between low-
voltage ASICs/PLDs and higher voltage systems.
All devices in the MAX3372E–MAX3379E, MAX3390E–
MAX3393E family feature a three-state output mode that
reduces supply current to less than 1µA, thermal short-
circuit protection, and ±15kV ESD protection on the VCC
side for greater protection in applications that route sig-
nals externally. The MAX3372E/MAX3377E operate at a
guaranteed data rate of 230kbps. Slew-rate limiting
reduces EMI emissions in all 230kbps devices. The
MAX3373E–MAX3376E/MAX3378E/MAX3379E and
MAX3390E–MAX3393E operate at a guaranteed data rate
of 8Mbps over the entire specified operating voltage
range. Within specific voltage domains, higher data rates
are possible. (See the
Timing Characteristics table.)
MAX3372E–MAX3379E
AND MAX3390E–MAX3393E
I/O VL_
I/O VL_
(tRISE,
tFALL < 10ns)
DATA
I/O VCC_
RLOAD
CLOAD
VCC
VCC
VL
VL
GND
tPD-VCC-LH
tPD-VCC-HL
I/O VCC_
tRVCC
tFVCC
Figure 1a. Rail-to-Rail Driving I/O VL
MAX3372E–MAX3379E
AND MAX3390E–MAX3393E
I/O VL_
I/O VCC_
(tRISE,
tFALL < 10ns)
DATA
I/O VCC_
VCC
VCC
VL
VL
GND
RLOAD
CLOAD
tPD-VL-LH
tPD-VL-HL
I/O VL_
tRVL
tFVL
Figure 1b. Rail-to-Rail Driving I/O VCC


Similar Part No. - MAX3393EETDT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3393EETDT MAXIM-MAX3393EETDT Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
More results

Similar Description - MAX3393EETDT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_V01 Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
MAX3372E MAXIM-MAX3372E Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3394E MAXIM-MAX3394E Datasheet
556Kb / 20P
   ±15kV ESD-Protected, High-Drive Current, Dual-/Quad-/ Octal-Level Translators with Speed-Up Circuitry
Rev 2; 2/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com