Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6306UK30D2 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6306UK30D2
Description  5-Pin, Multiple-Input, Programmable Reset ICs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6306UK30D2 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6306UK30D2 Datasheet HTML 3Page - Maxim Integrated Products MAX6306UK30D2 Datasheet HTML 4Page - Maxim Integrated Products MAX6306UK30D2 Datasheet HTML 5Page - Maxim Integrated Products MAX6306UK30D2 Datasheet HTML 6Page - Maxim Integrated Products MAX6306UK30D2 Datasheet HTML 7Page - Maxim Integrated Products MAX6306UK30D2 Datasheet HTML 8Page - Maxim Integrated Products MAX6306UK30D2 Datasheet HTML 9Page - Maxim Integrated Products MAX6306UK30D2 Datasheet HTML 10Page - Maxim Integrated Products MAX6306UK30D2 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
5-Pin, Multiple-Input,
Programmable Reset ICs
9
MAX6309
5V
3.3V
RST IN
MR
GND
VCC
RESET
RESET IN
3.3V
µP
Typical Operating Circuit
Ordering Information (continued)
† The MAX6306/MAX6307/MAX6309/MAX6310/MAX6312/
MAX6313 are available with factory-set VCC reset thresholds from
2.5V to 5V, in 0.1V increments. Insert the desired nominal reset
threshold (from Table 1) into the blanks following the letters UK.
All parts also offer factory-programmed reset timeout periods.
Insert the number corresponding to the desired nominal timeout
period index following the “D” in the part number (D1 = 1ms min,
D2 = 20ms min, D3 = 140ms min, and D4 = 1120ms min). There
are 10 standard versions with a required order increment of 2,500
pieces. Sample stock is generally held on the standard versions
only (see Standard Versions table). Required order increment is
10,000 pieces for non-standard versions. Contact factory for avail-
ability of non-standard versions. All devices available in tape-and-
reel only.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
Standard Versions Table
PART†
TEMP RANGE
PIN-
PACKAGE
MAX6306UK_ _D_-T
-0°C to +70°C
5 SOT23
MAX6306EUK_ _D_-T
-40°C to +85°C
5 SOT23
MAX6307UK_ _D_-T
-0°C to +70°C
5 SOT23
MAX6307EUK_ _D_-T
-40°C to +85°C
5 SOT23
MAX6308UK00D_-T
-0°C to +70°C
5 SOT23
MAX6308EUK00D_-T
-40°C to +85°C
5 SOT23
MAX6309UK_ _D_-T
-0°C to +70°C
5 SOT23
MAX6309EUK_ _D_-T
-40°C to +85°C
5 SOT23
MAX6310UK_ _D_-T
-0°C to +70°C
5 SOT23
MAX6310EUK_ _D_-T
-40°C to +85°C
5 SOT23
MAX6311UK00D_-T
-0°C to +70°C
5 SOT23
MAX6311EUK00D_-T
-40°C to +85°C
5 SOT23
MAX6312UK_ _D_-T
-0°C to +70°C
5 SOT23
MAX6312EUK_ _D_-T
-40°C to +85°C
5 SOT23
MAX6305UK00D3-T
MAX6309UK29D3-T
MAX6306UK29D3-T
MAX6309UK46D3-T
MAX6306UK46D3-T
MAX6311UK00D3-T
MAX6307UK46D3-T
MAX6312UK29D3-T
MAX6308UK00D3-T
MAX6312UK46D3-T


Similar Part No. - MAX6306UK30D2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6306UK30D2-T MAXIM-MAX6306UK30D2-T Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
More results

Similar Description - MAX6306UK30D2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com