Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6311UK00D-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6311UK00D-T
Description  5-Pin, Multiple-Input, Programmable Reset ICs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6311UK00D-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6311UK00D-T Datasheet HTML 1Page - Maxim Integrated Products MAX6311UK00D-T Datasheet HTML 2Page - Maxim Integrated Products MAX6311UK00D-T Datasheet HTML 3Page - Maxim Integrated Products MAX6311UK00D-T Datasheet HTML 4Page - Maxim Integrated Products MAX6311UK00D-T Datasheet HTML 5Page - Maxim Integrated Products MAX6311UK00D-T Datasheet HTML 6Page - Maxim Integrated Products MAX6311UK00D-T Datasheet HTML 7Page - Maxim Integrated Products MAX6311UK00D-T Datasheet HTML 8Page - Maxim Integrated Products MAX6311UK00D-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
5-Pin, Multiple-Input,
Programmable Reset ICs
2
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
VCC = +2.5V to +5.5V for the MAX6305/MAX6308/MAX6311, VCC = (VTH + 2.5%) to +5.5V for the MAX6306/MAX6307/MAX6309/
MAX6310/MAX6312/MAX6313; TA = -40°C to +85°C; unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ...........................................................................-0.3V to +6V
All Other Pins..............................................-0.3V to (VCC + 0.3V)
Input/Output Current, All Pins .............................................20mA
Rate of Rise, VCC ............................................................100V/µs
Continuous Power Dissipation (TA = +70°C)
SOT23 (derate 7.1mW/°C above +70°C) ....................571mW
Operating Temperature Range
MAX63_ _UK _ _D_-T.........................................0°C to +70°C
MAX63_ _EUK _ _D_-T ...................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Soldering Temperature (reflow)
Lead (Pb) - free packages............................................+260°C
Packages containing lead (Pb).....................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Range
TA = -40°C to +85°C (Note 2)
1.0
5.5
V
Supply Current
ICC
VCC = 5.5V
8
16
µA
TA = +25°C
VTH -
1.5%
VTH
VTH +
1.5%
MAX6306/MAX6307/
MAX6309/MAX6310/
MAX6312/MAX6313
TA = 0°C to +70°C
VTH -
2.5%
VTH
VTH +
2.5%
Reset Threshold
(Note 3)
VTH
MAX6306E/MAX6307/
MAX6309E/MAX6310E/
MAX6312E/MAX6313E
TA = -40°C to +85°C
VTH -
2.5%
VTH
VTH +
2.5%
V
Reset Threshold
VTH/°C
40
ppm/°C
Reset Threshold
VTH HYST
2 x VTH
mV
D1
1.0
1.4
2.0
D2
20
28
40
D3
140
200
280
Reset Timeout Period
tRP
D4
1120
1570
2240
ms
VCC > 4.25V, ISINK = 3.2mA
0.4
VCC > 2.5V, ISINK = 1.2mA
0.3
VCC > 1.2V, ISINK = 500µA
0.3
VOL
MAX6305–MAX6310
VCC > 1.0V, ISINK = 50µA
0.3
V
VCC > 4.25V,
ISOURCE = 800µA
VCC - 1.5
RESET Output Voltage
VOH
MAX6308/MAX6309/
MAX6310
VCC > 2.5V,
ISOURCE = 500µA
0.8 x VCC
V
VCC > 4.25V, ISINK = 3.2mA
0.4
VOL
VCC > 2.5V, ISINK = 1.2mA
0.3
VCC > 1.8V,
ISOURCE = 150µA
0.8 x VCC
RESET Output Voltage
VOH
MAX6311/MAX6312/
MAX6313
VCC > 1.0V,
ISOURCE = 10µA
0.8 x VCC
V


Similar Part No. - MAX6311UK00D-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6311UK00D1-T MAXIM-MAX6311UK00D1-T Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
MAX6311UK00D2-T MAXIM-MAX6311UK00D2-T Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
MAX6311UK00D3-T MAXIM-MAX6311UK00D3-T Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
MAX6311UK00D3-T MAXIM-MAX6311UK00D3-T Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6311UK00D4-T MAXIM-MAX6311UK00D4-T Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
More results

Similar Description - MAX6311UK00D-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com