Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU16501KS2 Datasheet(PDF) 8 Page - Rohm

Part # BU16501KS2
Description  LED Driver with I2C Compatible and 3-wire Serial Interface for 8횞16 LEDs in Dot Matrix
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU16501KS2 Datasheet(HTML) 8 Page - Rohm

Back Button BU16501KS2 Datasheet HTML 4Page - Rohm BU16501KS2 Datasheet HTML 5Page - Rohm BU16501KS2 Datasheet HTML 6Page - Rohm BU16501KS2 Datasheet HTML 7Page - Rohm BU16501KS2 Datasheet HTML 8Page - Rohm BU16501KS2 Datasheet HTML 9Page - Rohm BU16501KS2 Datasheet HTML 10Page - Rohm BU16501KS2 Datasheet HTML 11Page - Rohm BU16501KS2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8/29
Datasheet
Datasheet
BU16501KS2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0CZ00250-1-2
01.Oct.2013 Rev.001
Serial Interface
1. SPI format
・When IFMODE is set to “H”, it can interface with SPI format.
・The serial interface is four terminals (serial clock terminal (SCL), serial data input terminal (SDA), and chip selection
input terminal (CE)).
(1)Write operation
・ Data is taken into an internal shift register with rising edge of SCL. (Max of the frequency is 13MHz.)
・ The receive data becomes enable in the “H" section of CE. (Active “H".)
・ The transmit data is forwarded (with MSB-First) in the order of write command “0”(1bit), the control register address
(7bit) and data (8bit).
Figure 2.
Writing format
(2)Timing diagram
Figure 3.
Timing diagram (SPI format)
2. I
2C BUS format
When IFMODE is set to “L”, it can interface with I
2C BUS format.
(1) Slave address
CE
A7
A6
A5
A4
A3
A2
A1
R/W
L
1
1
1
0
1
0
0
0
H
1
1
1
0
1
0
1
(2) Bit Transfer
SCL transfers 1-bit data during H. During H of SCL, SDA cannot be changed at the time of bit transfer. If SDA
changes while SCL is H, START conditions or STOP conditions will occur and it will be interpreted as a control signal.
SDA
SCL
SDA a state of stability
Data are effective
SDA
It can change
Figure 4.
Bit transfer (I
2C format)
CE
SCL
SDA
W
A6
A5
A4
A3
A2
A1
A0
D4
D3
D2
D1
D0
D7
D6
D5
twlc
CE
SCL
SDA
tcsw
twhc
tcss
tscyc
tss
tsh
tcgh


Similar Part No. - BU16501KS2

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BU16-005 FRONTIER-BU16-005 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-01 FRONTIER-BU16-01 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-02 FRONTIER-BU16-02 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-04 FRONTIER-BU16-04 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-06 FRONTIER-BU16-06 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - BU16501KS2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7844AEFV-LB ROHM-BD7844AEFV-LB Datasheet
676Kb / 18P
   16-Channel, 8-Bit PWM LED Driver with I2C Compatible and 2-wire Serial Interface
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
Sanyo Semicon Device
LV5230LG SANYO-LV5230LG Datasheet
163Kb / 27P
   Dot-matrix LED Driver
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com