Electronic Components Datasheet Search |
|
BU7262SF Datasheet(PDF) 8 Page - Rohm |
|
BU7262SF Datasheet(HTML) 8 Page - Rohm |
8 / 46 page Datasheet www.rohm.com TSZ02201-0RAR1G200230-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 8/43 25.Sep.2013 Rev.001 TSZ22111・15・001 BU7261G BU7261SG BU7262xxx BU7262Sxxx BU7264xx BU7264Sxx Electrical Characteristics - continued ○BU7264xx, BU7264Sxx (Unless otherwise specified VDD=+3V, VSS=0V, TA=25℃) Parameter Symbol Temperature Range Limit Unit Conditions Min Typ Max Input Offset Voltage (Note 25, 26) VIO 25℃ - 1 9 mV VDD=1.8 to 5.5V Full range - - 10 Input Offset Current (Note 25) IIO 25℃ - 1 - pA - Input Bias Current (Note 25) IB 25℃ - 1 - pA - Supply Current (Note 26) IDD 25℃ - 1100 2300 μA RL=∞, All Op-Amps AV=0dB, IN+=1.5V Full range - - 2800 Maximum Output Voltage(High) VOH 25℃ VDD-0.1 - - V RL=10kΩ Maximum Output Voltage(Low) VOL 25℃ - - VSS+0.1 V RL=10kΩ Large Signal Voltage Gain AV 25℃ 70 95 - dB RL=10kΩ Input Common-mode Voltage Range VICM 25℃ 0 - 3 V VSS to VDD Common-mode Rejection Ratio CMRR 25℃ 45 60 - dB - Power Supply Rejection Ratio PSRR 25℃ 60 80 - dB - Output Source Current (Note 27) ISOURCE 25℃ 4 10 - mA OUT=VDD-0.4V Output Sink Current (Note 27) ISINK 25℃ 5 12 - mA OUT=VSS+0.4V Slew Rate SR 25℃ - 1.1 - V/ μs CL=25pF Gain Bandwidth GBW 25℃ - 2 - MHz CL=25pF, AV=40dB Phase Margin θ 25℃ - 50 - deg CL=25pF, AV=40dB Total Harmonic Distortion + Noise THD+N 25℃ - 0.05 - % OUT=0.8VP-P, f=1kHz Channel Separation CS 25℃ - 100 - dB AV=40dB, OUT=1Vrms (Note 25) Absolute value (Note 26) Full range: BU7264: TA=-40℃ to +85℃ BU7264S: TA=-40℃ to +105℃ (Note 27) Under the high temperature environment, consider the power dissipation of IC when selecting the output current. When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC. |
Similar Part No. - BU7262SF |
|
Similar Description - BU7262SF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |