Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU21029MUV Datasheet(PDF) 8 Page - Rohm

Part # BU21029MUV
Description  4-wire Resistive Touch Screen Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21029MUV Datasheet(HTML) 8 Page - Rohm

Back Button BU21029MUV Datasheet HTML 4Page - Rohm BU21029MUV Datasheet HTML 5Page - Rohm BU21029MUV Datasheet HTML 6Page - Rohm BU21029MUV Datasheet HTML 7Page - Rohm BU21029MUV Datasheet HTML 8Page - Rohm BU21029MUV Datasheet HTML 9Page - Rohm BU21029MUV Datasheet HTML 10Page - Rohm BU21029MUV Datasheet HTML 11Page - Rohm BU21029MUV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8/26
Datasheet
Datasheet
BU21029MUV
TSZ02201-0Y1Y0F300110-1-2
© 2011 ROHM Co., Ltd. All rights reserved.
11.Nov.2013 Rev.004
www.rohm.co.jp
TSZ22111・15・001
Table 4. Serial interface Command Byte 0(CID=0)
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
0
PAGE
SWRST
STP
ADDR[3:0]
Bit D7: Command Byte ID
0=Reads/writes on data register addresses specified by ADDR (Bit D6-D3).
Bits D6-D3: ADDR
D2: PAGE
Register addresses that “ADDR” and “PAGE” can access are listed below.
Table 5. BU21029MUV Register Map
PAGE
ADDR
INI
7
6
5
4
3
2
1
0
0
0x0
0x20
RSV0
RSV0
CALIB
INTRM
RSV0
RSV0
RSV0
RSV0
0x1
0xA6
MAV
-
0x2
0x04
0x3
0x10
0x4
0x10
0x5
0x10
0x6
0x00
0x7
0x00
0x8
0x00
-
-
-
-
0x9
0x0F
-
-
-
0xA
0x0F
-
-
-
0xB
0x72
RM8
STRETCH
PU90K
DUAL
0xC
0x00
-
-
0xD
0x00
TEST
AUTO
PDM
-
BUSY
ACTIVE
CALIB
_DONE
TOUCH
0xE
0x02
0xF
0x29
1
0x0
0x00 SW_YP_
POW
SW_YP_
GND
SW_YN_
POW
SW_YN_
GND
SW_XP_
POW
SW_XP_
GND
SW_XN_
POW
SW_XN_
GND
0x1
0x00
RSV0
RSV0
RSV0
SW_AUX SW_YPM SW_YNM SW_XPM SW_XNM
0x2-0x4
-
0x5
0x03
RSV0
DPRM
RSV0
RSV0
RSV0
RSV0
RSV1
RSV1
0x6-0xF
-
RSV0
AVE
SMPL
INTVL_TIME
TIME_ST_ADC
RSV0
EVR_X
EVR_Y
EVR_XY
RSV0
Reserved
PIMIR_X
PIMIR_Y
PIDAC_OFS
PVDD
AVDD
HW_IDH
HW_IDL
Reserved
(*1) RSV0 must be set to 0.
(*2) RSV1 must be set to 1
Bit D1: SWRST
1= Initializes all registers, stops all operations, and changes state to power-down (SWRST is automatically set “0”.)
Bit D0: STP
1= Aborts currently running conversion and changes the state to power-down (STP is automatically set to “0”.)


Similar Part No. - BU21029MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21029GUL-E2 ROHM-BU21029GUL-E2 Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
More results

Similar Description - BU21029MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com