Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6350-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6350-T
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6350-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6350-T Datasheet HTML 6Page - Maxim Integrated Products MAX6350-T Datasheet HTML 7Page - Maxim Integrated Products MAX6350-T Datasheet HTML 8Page - Maxim Integrated Products MAX6350-T Datasheet HTML 9Page - Maxim Integrated Products MAX6350-T Datasheet HTML 10Page - Maxim Integrated Products MAX6350-T Datasheet HTML 11Page - Maxim Integrated Products MAX6350-T Datasheet HTML 12Page - Maxim Integrated Products MAX6350-T Datasheet HTML 13Page - Maxim Integrated Products MAX6350-T Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MAX6316–MAX6322
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
11
Maxim Integrated
Figure 10 shows an example of a flow diagram where
the I/O driving the watchdog input is set high at the
beginning of the program, set low at the end of every
subroutine or loop, then set high again when the pro-
gram returns to the beginning. If the program should
hang in any subroutine, the problem would be quickly
corrected, since the I/O is continually set low and the
watchdog timer is allowed to time out, causing a reset
or interrupt to be issued. As described in the
Watchdog
Input Current section, this scheme results in higher time
average WDI current than does leaving WDI low for the
majority of the timeout period and periodically pulsing it
low-high-low.
START
SET WDI
HIGH
PROGRAM
CODE
SUBROUTINE OR
PROGRAM LOOP
SET WDI LOW
RETURN
POSSIBLE
INFINITE LOOP PATH
Figure 10. Watchdog Flow Diagram
GND
WDI
MR
15 VCC
RESET
MAX6316
MAX6320
SOT23
TOP VIEW
2
34
GND
WDI
MR
15 VCC
RESET
MAX6317
SOT23
2
34
GND
WDI
RESET
15 VCC
RESET
MAX6318
MAX6321
SOT23
2
34
GND
MR
RESET
15 VCC
RESET
MAX6319
MAX6322
SOT23
2
34
__________________Pin Configurations
MAX6316
GND
MANUAL
RESET
I/O
WDI
MR
GND
µP
VCC
VIN
VCC
RESET
RESET
Typical Operating Circuit


Similar Part No. - MAX6350-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6350 MAXIM-MAX6350 Datasheet
186Kb / 12P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
MAX6350 MAXIM-MAX6350 Datasheet
549Kb / 11P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
2001
MAX6350CPA MAXIM-MAX6350CPA Datasheet
186Kb / 12P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
MAX6350CSA MAXIM-MAX6350CSA Datasheet
186Kb / 12P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
MAX6350EPA MAXIM-MAX6350EPA Datasheet
186Kb / 12P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
More results

Similar Description - MAX6350-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com