Electronic Components Datasheet Search |
|
L1007C101MPWST Datasheet(PDF) 10 Page - Kemet Corporation |
|
L1007C101MPWST Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 32 page © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 10 1007 Case Size High Current Type (L-DWI Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 L1007C1R0MDWIT 1.0 ±20% 100 0.08 1000 1200 7.96 2,000 L1007C2R2MDWIT 2.2 ±20% 68 0.13 890 1100 7.96 2,000 L1007C4R7MDWIT 4.7 ±20% 41 0.20 680 920 7.96 2,000 L1007C100MDWIT 10 ±20% 30 0.36 480 680 2.52 2,000 L1007C220MDWIT 22 ±20% 19 0.77 320 460 2.52 2,000 L1007C470MDWIT 47 ±20% 12 1.90 240 290 2.52 2,000 L1007C101MDWIT 100 ±20% 9 3.7 160 170 0.796 2,000 L1007C220MDWIT 220 ±20% 5.5 8.4 115 110 0.796 2,000 L1007C470MDWIT 470 ±20% 3.5 22 80 70 0.796 2,000 L1007C681MDWIT 680 ±20% 3 28 65 60 0.796 2,000 1210 Case Size High Current Low Rdc Type (L-DWI Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 L1210R1R0MDWIT 1.0 ±20% 250 0.055 2000 1440 0.1 1,000 L1210R1R5MDWIT 1.5 ±20% 220 0.06 2000 1310 0.1 1,000 L1210R2R2MDWIT 2.2 ±20% 190 0.08 2000 1130 0.1 1,000 L1210R3R3MDWIT 3.3 ±20% 160 0.095 1800 1040 0.1 1,000 L1210R4R7MDWIT 4.7 ±20% 70 0.1 1250 1010 0.1 1,000 L1210R6R8MDWIT 6.8 ±20% 50 0.12 930 940 0.1 1,000 L1210R100(_)DWIT 10 K=±10%, M=±20% 23 0.133 900 900 0.1 1,000 L1210R150(_)DWIT 15 K=±10%, M=±20% 20 0.195 730 850 0.1 1,000 L1210R220(_)DWIT 22 K=±10%, M=±20% 17 0.27 620 780 0.1 1,000 L1210R330(_)DWIT 33 K=±10%, M=±20% 13 0.41 500 570 0.1 1,000 L1210R470(_)DWIT 47 K=±10%, M=±20% 10 0.67 390 480 0.1 1,000 L1210R680(_)DWIT 68 K=±10%, M=±20% 8 1 320 410 0.1 1,000 L1210R101(_)DWIT 100 K=±10%, M=±20% 6 1.4 270 340 0.1 1,000 (_) - Insert Inductance Tolerance Code (K or M) *For rated current of ordinary small power choke coils, please refer to the rated current (1) in the above table. *For current (2) is the current for instantaneous flow such as plunging current of DC/DC converter. In case of usage in the circuit where large current may be semicontinuously applied over 5 minutes with auto recovery circuit, etc, please contact our sales section before practical application. Rated current (1):Current value to guarantee -30% of nominal inductance (at 20ºC) Rated current (2):Current value to guarantee component temperature within ΔT = 40°C with current flow. (It's not the current to guarantee the inductance value) (_) - Insert Inductance Tolerance Code (K or M) 0603 Case Size Power, Bottom Surface Electrode Type (L-DWF 1608 Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 L0603B1R0MDWFT 1.0 ±20% 100 0.09 290 770 7.96 2,000 L0603B2R2MDWFT 2.2 ±20% 80 0.17 190 560 7.96 2,000 L0603B4R7MDWFT 4.7 ±20% 45 0.24 145 470 7.96 2,000 L0603B100(_)DWFT 10 K=±10%, M=±20% 32 0.36 115 380 2.52 2,000 L0603B220(_)DWFT 22 K=±10%, M=±20% 16 1.00 70 230 2.52 2,000 L0603B470(_)DWFT 47 K=±10%, M=±20% 11 2.5 50 140 2.52 2,000 0805 Case Size Low Profile Type (L-DWL Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 L0805C4R7MDWLT 4.7 ±20% 45 0.66 275 490 0.10 4,000 L0805C100MDWLT 10 ±20% 32 1.00 205 370 0.10 4,000 L0805C470MDWLT 47 ±20% 11 4.20 100 140 0.10 4,000 |
Similar Part No. - L1007C101MPWST |
|
Similar Description - L1007C101MPWST |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |