Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA3388DP Datasheet(PDF) 3 Page - Motorola, Inc

Part # TCA3388DP
Description  TELEPHONE LINE INTERFACE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TCA3388DP Datasheet(HTML) 3 Page - Motorola, Inc

  TCA3388DP Datasheet HTML 1Page - Motorola, Inc TCA3388DP Datasheet HTML 2Page - Motorola, Inc TCA3388DP Datasheet HTML 3Page - Motorola, Inc TCA3388DP Datasheet HTML 4Page - Motorola, Inc TCA3388DP Datasheet HTML 5Page - Motorola, Inc TCA3388DP Datasheet HTML 6Page - Motorola, Inc TCA3388DP Datasheet HTML 7Page - Motorola, Inc TCA3388DP Datasheet HTML 8Page - Motorola, Inc TCA3388DP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TCA3388
3
MOTOROLA ANALOG IC DEVICE DATA
DC ELECTRICAL CHARACTERISTICS (continued) (TA = 25°C)
Characteristic
Unit
Max
Typ
Min
Symbol
SPEECH AMPLIFIERS
HYL and HYS DC Bias Voltage
Vdc
Normal Mode
VHY1
2.4
PI = High
VHY2
1.4
Microphone Amplifier DC Bias at TXI
VTXI
1.45
Vdc
Saturation Voltage at Mic @ 1.0 mA
VMic
250
300
mV
Leakage Current into Mic @ 3.7 V
ILeak
2.0
µA
HOOK STATUS OUTPUT (Pin 13)
High Level Voltage @ – 5.0
µA Load Current, Off–Hook, VSAI = Max
VHSOH
2.7
2.9
Vdc
Maximum Load Current
µA
Normal Mode
IHSOL
5.0
PABX Mode
IHSOH
20
Low Level Voltage @ + 5.0
µA Load Current, VSAI = – 5.0 mV
Vdc
Normal On–Hook
VHSOL
0.60
PI = High
VHSOLPI
2.7
2.9
Time Delay from On–Hook or Off–Hook
TDel
3.5
ms
PULSE INPUT (Pin 14)
Input Impedance
ZPI
160
k
DC Bias Voltage
VPIL
1.4
Vdc
Input Current
µA
Make Phase
IPIL
–1.0
1.0
Break Phase
IPIH
–10
10
MUTE INPUT (Pin 15)
Input Impedance
ZMI
160
k
DC Bias Voltage
VMI
1.4
Vdc
Input Current
µA
Speech Mode
IMIL
–1.0
1.0
Mute Mode
IMIH
–10
10
DC MASK CHARACTERISTICS
French
Internal Slope
RI
120
160
200
mV/
µA
Voltage on SAI (I2C = 3.6
µA)
VC
0.40
0.47
Vdc
Voltage on SAI (I2D = 4.0
µA)
VD
0.49
0.57
Vdc
Delta Offset Voltage on SAI (I2E = 30
µA)
VE–VD
30
mV
U.K.
Internal Slope
RI
210
260
310
mV/
µA
Voltage on SAI (I2C = 3.5
µA)
VC
0.59
0.70
Vdc
Voltage on SAI (I2D = 3.9
µA)
VD
0.72
0.83
Vdc
Delta Offset Voltage on SAI (I2E = 30
µA)
VE–VD
20
50
mV
Low Voltage Mode
Internal Slope
RI
100
125
150
mV/
µA
Voltage on SAI (I2C = 13
µA)
VC
1.0
1.2
Vdc
Voltage on SAI (I2D = 15
µA)
VD
1.3
1.55
Vdc
Delta Offset Voltage on SAI (I2E = 20
µA)
VE–VD
100
mV
Overvoltage Protection Threshold (VLAI – VSAO)
VClamp1
mV
French and U.K. DC Masks
530
580
650
Low Voltage DC Mask
280
385
Protection Voltage Level (VLAI – VSAO)
VClamp2
mV
French and U.K. DC Masks
350
440
Low Voltage DC Mask
280
440


Similar Part No. - TCA3388DP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3385 MOTOROLA-TCA3385 Datasheet
64Kb / 1P
   Telephone ring signal converter
TCA3385-DP MOTOROLA-TCA3385-DP Datasheet
64Kb / 1P
   Telephone ring signal converter
TCA3385-FP MOTOROLA-TCA3385-FP Datasheet
64Kb / 1P
   Telephone ring signal converter
TCA3386 MOTOROLA-TCA3386 Datasheet
48Kb / 1P
   Single chip feature phone IC
More results

Similar Description - TCA3388DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
logo
List of Unclassifed Man...
XE0020 ETC-XE0020 Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
logo
NXP Semiconductors
UBA1707 PHILIPS-UBA1707 Datasheet
245Kb / 36P
   Cordless telephone, answering machine line interface
1999 Feb 17
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2504 AMSCO-AS2504 Datasheet
202Kb / 12P
   Cordless telephone, answering machine line interface
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
   Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_13 Datasheet
941Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com