Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD37034FVME2 Datasheet(PDF) 11 Page - Rohm

Part # BD37034FVME2
Description  General-Purpose Electronic Volume with Built-in Advanced Switch
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37034FVME2 Datasheet(HTML) 11 Page - Rohm

Back Button BD37034FVME2 Datasheet HTML 7Page - Rohm BD37034FVME2 Datasheet HTML 8Page - Rohm BD37034FVME2 Datasheet HTML 9Page - Rohm BD37034FVME2 Datasheet HTML 10Page - Rohm BD37034FVME2 Datasheet HTML 11Page - Rohm BD37034FVME2 Datasheet HTML 12Page - Rohm BD37034FVME2 Datasheet HTML 13Page - Rohm BD37034FVME2 Datasheet HTML 14Page - Rohm BD37034FVME2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
11/44
Datasheet
BD37034FV-M
TSZ02201-0C2C0E100010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4.OCT.2013 Rev.002
www.rohm.com
TSZ22111
・15・001
(2)I
2C BUS FORMAT
MSB
LSB
MSB
LSB
MSB
LSB
S
Slave Address
A
Select Address
A
Data
A
P
1bit
8bit
1bit
8bit
1bit
8bit
1bit 1bit
S
= Start conditions (Recognition of start bit)
Slave Address
= Recognition of slave address. 7 bits in upper order are voluntary.
The least significant bit is “L” due to writing.
A
= ACKNOWLEDGE bit (Recognition of acknowledgement)
Select Address
= Select every of volume, bass and treble.
Data
= Data on every volume and tone.
P
= Stop condition (Recognition of stop bit)
(3)I
2C BUS Interface Protocol
1)Basic form
S
Slave Address
A
Select Address
A
Data
A
P
MSB
LSB
MSB
LSB
MSB
LSB
2)Automatic increment(Select Address increases (+1) according to the number of data)
S
Slave Address
A
Select Address
A
Data1
A
Data2
A
・・・・
DataN
A
P
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
(Example)
Data 1 is set as data of Select Address (20h).
Data 2 is set as data of Select Address +1 (28h).
Data N is set as data of Select Address +N-1.
3)Configuration unavailable for transmission (In this case, only Select Address 1 is set.)
S
Slave Address
A
Select Address1
A
Data
A
Select Address 2
A
Data
A
P
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
(Note)If any data is transmitted as Select Address 2 next to data,
It is recognized as data, not as Select Address 2.
(4)Slave Address
MSB
LSB
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
0
0
0
0
80H


Similar Part No. - BD37034FVME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37033FV-M ROHM-BD37033FV-M Datasheet
1Mb / 41P
   Sound Processors for Car Audio
BD37033FVME2 ROHM-BD37033FVME2 Datasheet
1Mb / 41P
   Sound Processors for Car Audio
More results

Similar Description - BD37034FVME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3460FS ROHM-BD3460FS Datasheet
741Kb / 29P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3461FS ROHM-BD3461FS_15 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3465FV ROHM-BD3465FV Datasheet
2Mb / 31P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
BD3464FV ROHM-BD3464FV Datasheet
2Mb / 30P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
logo
Mitsubishi Electric Sem...
M62496FP MITSUBISHI-M62496FP Datasheet
218Kb / 11P
   ELECTRONIC VOLUME CONTROL WITH BUILT-IN SPEATEN FILTER
logo
Renesas Technology Corp
M62496FP RENESAS-M62496FP Datasheet
187Kb / 14P
   Electronic Volume Control with Built-in Speaten Filter
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
logo
Sony Corporation
CXA2125Q SONY-CXA2125Q Datasheet
399Kb / 35P
   Audio/Video Switch with Electronic Volume for 3 Scart
CXA2126Q SONY-CXA2126Q Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com