Electronic Components Datasheet Search |
|
L0805220LEWTR Datasheet(PDF) 2 Page - AVX Corporation |
|
L0805220LEWTR Datasheet(HTML) 2 Page - AVX Corporation |
2 / 5 page Not RoHS Compliant LEAD-FREE COMPATIBLE COMPONENT For RoHS compliant products, please select correct termination style. 29 2 Accu-L ® 0603 and 0805 SMD High-Q RF Inductor HOW TO ORDER 450 MHz 900 MHz 1900 MHz 2400 MHz IDC max Test Frequency Test Frequency Test Frequency Test Frequency SRF min RDC max (mA) Inductance Available Q L (nH) Q L (nH) Q L (nH) Q (MHz) (Ω) L (nH) Inductance Tolerance Typical Typical Typical Typical (1) 1.2 ±0.1, ±0.2nH 49 1.2 70 1.2 134 1.2 170 10000 0.04 1000 1.5 ±0.1, ±0.2nH 26 1.54 39 1.52 63 1.52 76 10000 0.06 1000 1.8 ±0.1, ±0.2nH 20 1.74 30 1.73 50 1.72 59 10000 0.07 1000 2.2 ±0.1, ±0.2nH 20 2.2 30 2.24 49 2.24 56 10000 0.08 1000 2.7 ±0.1, ±0.2nH 21 2.7 30 2.75 48 2.79 54 9000 0.08 750 3.3 ±0.1, ±0.2, ±0.5nH 24 3.33 35 3.39 56 3.47 64 8400 0.08 750 3.9 ±0.1, ±0.2, ±0.5nH 25 3.9 57 4.06 60 4.21 69 6500 0.12 500 4.7 ±0.1, ±0.2, ±0.5nH 23 4.68 32 4.92 46 5.2 49 5500 0.15 500 5.6 ±0.2, ±0.5nH 26 5.65 36 5.94 54 6.23 60 5000 0.25 300 6.8 ±0.2, ±0.5nH 23 6.9 33 7.3 47 8.1 39 4500 0.30 300 8.2 ±0.2, ±0.5nH 23 8.4 31 10 35 12.1 31 3800 0.35 300 10.0 ±2%, ±5% 28 10 39 11.8 47 14.1 41 3500 0.45 300 12.0 ±2%, ±5% 28 13.2 38 14.1 30 17.2 20 3000 0.50 300 15.0 ±2%, ±5% 28 16.2 38 25.9 30 49.8 15 2500 0.60 300 (1) IDC measured for 15°C rise at 25°C ambient temperature (2) IDC measured for 70°C rise at 25°C ambient temperature L, Q, SRF measured on HP 4291A, Boonton 34A and Wiltron 360 Vector Analyzer, RDC measured on Keithley 580 micro-ohmmeter. ELECTRICAL SPECIFICATIONS TABLE FOR ACCU-L® 0603 450 MHz 900 MHz 1700 MHz 2400 MHz IDC max Test Frequency Test Frequency Test Frequency Test Frequency SRF min RDC max (mA) Inductance Available Q L (nH) Q L (nH) Q L (nH) Q (MHz) (Ω) ΔT = 15°C ΔT = 70°C L (nH) Inductance Tolerance Typical Typical Typical Typical (1) (2) 1.2 ±0.1nH, ±0.2nH, ±0.5nH 60 1.2 92 1.2 122 1.2 92 10000 0.05 1000 2000 1.5 ±0.1nH, ±0.2nH, ±0.5nH 50 1.5 74 1.5 102 1.5 84 10000 0.05 1000 2000 1.8 ±0.1nH, ±0.2nH, ±0.5nH 50 1.8 72 1.8 88 1.9 73 10000 0.06 1000 2000 2.2 ±0.1nH, ±0.2nH, ±0.5nH 42 2.2 62 2.2 82 2.3 72 10000 0.07 1000 2000 2.7 ±0.1nH, ±0.2nH, ±0.5nH 42 2.7 62 2.8 80 2.9 70 10000 0.08 1000 2000 3.3 ±0.1nH, ±0.2nH, ±0.5nH 38 3.3 46 3.4 48 3.5 57 10000 0.11 750 1500 3.9 ±0.1nH, ±0.2nH, ±0.5nH 27 3.9 36 4.0 38 4.1 42 10000 0.20 750 1500 4.7 ±0.1nH, ±0.2nH, ±0.5nH 43 4.8 62 5.3 76 5.8 60 5500 0.10 750 1500 5.6 ±0.5nH 50 5.7 68 6.3 73 7.6 62 4600 0.10 750 1500 6.8 ±0.5nH 43 7.0 62 7.7 71 9.4 50 4500 0.11 750 1500 8.2 ±0.5nH 43 8.5 56 10.0 55 15.2 32 3500 0.12 750 1500 10 ±2%, ±5% 46 10.6 60 13.4 52 – – 2500 0.13 750 1500 12 ±2%, ±5% 40 12.9 50 17.3 40 – – 2400 0.20 750 1500 15 ±2%, ±5% 36 16.7 46 27 23 – – 2200 0.20 750 1000 18 ±2%, ±5% 30 21.9 27 – – – – 1700 0.35 500 1000 22 ±2%, ±5% 36 27.5 33 – – – – 1400 0.40 500 1000 ELECTRICAL SPECIFICATIONS TABLE FOR ACCU-L® 0805 (1) IDC measured for 15°C rise at 25°C ambient temperature when soldered to FR-4 board. Inductance and Q measured on Agilent 4291B / 4287 using the 16196A test fixture. Engineering Kits Available see pages 90-91 L Product Inductor 0805 Size 0603 0805 4R7 Inductance Expressed in nH (2 significant digits + number of zeros) for values <10nH, letter R denotes decimal point. Example: 22nH = 220 4.7nH = 4R7 D Tolerance for L ≤ 4.7nH, B = ±0.1nH C = ±0.2nH D = ±0.5nH 4.7nH<L<10nH, C = ±0.2nH D = ±0.5nH L ≥ 10nH, G = ±2% J = ±5% E Specification Code E = Accu-L® 0805 technology G = Accu-L® 0603 technology S Termination Code W = Nickel/ solder coated (Sn 63, Pb 37) **S = Nickel/ Lead Free Solder coated (Sn100) TR Packaging Code TR = Tape and Reel (3,000/reel) **RoHS compliant |
Similar Part No. - L0805220LEWTR |
|
Similar Description - L0805220LEWTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |