Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L08054R7CGSTR Datasheet(PDF) 1 Page - AVX Corporation

Part # L08054R7CGSTR
Description  Accu-L짰 SMD High-Q RF Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

L08054R7CGSTR Datasheet(HTML) 1 Page - AVX Corporation

  L08054R7CGSTR Datasheet HTML 1Page - AVX Corporation L08054R7CGSTR Datasheet HTML 2Page - AVX Corporation L08054R7CGSTR Datasheet HTML 3Page - AVX Corporation L08054R7CGSTR Datasheet HTML 4Page - AVX Corporation L08054R7CGSTR Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L
T
B
W
Operating/Storage
Temp. Range:
-55°C to +125°C
DIMENSIONS: millimeters (inches)
0603
0805
L
1.6±0.10
2.11±0.10
(0.063±0.004)
(0.083±0.004)
W
0.81±0.10
1.5±0.10
(0.032±0.004)
(0.059±0.004)
T
0.61±0.10
0.91±0.13
(0.024±0.004)
(0.036±0.005)
top:
0.0 +0.3/-0.0
0.25±0.15
B
(0.0+0.012)
(0.010±0.006)
bottom:
0.35±0.20
(0.014±0.008)
28
2
Accu-L
®
SMD High-Q RF Inductor
ACCU-L® TECHNOLOGY
The Accu-L
® SMD Inductor is based on thin-film multilayer
technology. This technology provides a level of control on the
electrical and physical characteristics of the component which
gives consistent characteristics within a lot and lot-to-lot.
The original design provides small size, excellent high-
frequency performance and rugged construction for reliable
automatic assembly.
FEATURES
• High Q
• RF Power Capability
• High SRF
• Low DC Resistance
• Ultra-Tight Tolerance on Inductance
• Standard 0603 and 0805 Chip Size
• Low Profile
• Rugged Construction
• Taped and Reeled
The Accu-L
® inductor is particularly suited for the telecom-
munications industry where there is a continuing trend
towards miniaturization and increasing frequencies. The
Accu-L
® inductor meets both the performance and tolerance
requirements of present cellular frequencies 450MHz and
900MHz and of future frequencies, such as 1700MHz,
1900MHz and 2400MHz.
APPLICATIONS
• Mobile Communications
• Satellite TV Receivers
• GPS
• Vehicle Locations Systems
• Filters
• Matching Networks
10 nH Inductor (Top View)


Similar Part No. - L08054R7CGSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
L08054R7CGSTR AVX-L08054R7CGSTR Datasheet
96Kb / 3P
   SMD High-Q RF Inductor
More results

Similar Description - L08054R7CGSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
L0201XXXXHSTR AVX-L0201XXXXHSTR Datasheet
113Kb / 2P
   Accu-L짰 0201 Tight Tolerance
L08055R6CEWTR AVX-L08055R6CEWTR Datasheet
123Kb / 5P
   SMD High-Q RF Inductor
L08053R9CESTR AVX-L08053R9CESTR Datasheet
123Kb / 5P
   SMD High-Q RF Inductor
L06036R8CGSTR AVX-L06036R8CGSTR Datasheet
123Kb / 5P
   SMD High-Q RF Inductor
L08052R7CEWTR AVX-L08052R7CEWTR Datasheet
123Kb / 5P
   SMD High-Q RF Inductor
L0805120JEWTR AVX-L0805120JEWTR Datasheet
123Kb / 5P
   SMD High-Q RF Inductor
L08054R7DESTR AVX-L08054R7DESTR Datasheet
96Kb / 3P
   SMD High-Q RF Inductor
L06031R8CGSTR AVX-L06031R8CGSTR Datasheet
123Kb / 5P
   SMD High-Q RF Inductor
L06031R2CGSTR AVX-L06031R2CGSTR Datasheet
123Kb / 5P
   For RoHS compliant products, SMD High-Q RF Inductor
06035J3R3BBTTR AVX-06035J3R3BBTTR Datasheet
458Kb / 20P
   Accu-F Accu-P Thin-Film RF/Microwave Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com