Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR2T40A-5M432I Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # OR2T40A-5M432I
Description  Field-Programmable Gate Arrays
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2T40A-5M432I Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button OR2T40A-5M432I Datasheet HTML 7Page - List of Unclassifed Manufacturers OR2T40A-5M432I Datasheet HTML 8Page - List of Unclassifed Manufacturers OR2T40A-5M432I Datasheet HTML 9Page - List of Unclassifed Manufacturers OR2T40A-5M432I Datasheet HTML 10Page - List of Unclassifed Manufacturers OR2T40A-5M432I Datasheet HTML 11Page - List of Unclassifed Manufacturers OR2T40A-5M432I Datasheet HTML 12Page - List of Unclassifed Manufacturers OR2T40A-5M432I Datasheet HTML 13Page - List of Unclassifed Manufacturers OR2T40A-5M432I Datasheet HTML 14Page - List of Unclassifed Manufacturers OR2T40A-5M432I Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 192 page
background image
Lucent Technologies Inc.
11
Data Sheet
June 1999
ORCA Series 2 FPGAs
Programmable Logic Cells (continued)
The second submode is the counter submode (see
Figure 10). The present count is supplied to input
A[3:0], and then output F[3:0] will either be incre-
mented by one for an up counter or decremented by
one for a down counter. If an up counter or down
counter is needed, the control signal to select the direc-
tion (up or down) is input on A4. Generally, the latches/
FFs in the same PFU are used to hold the present
count value.
5-4643(F).r1
Figure 10. Counter Submode with Flip-Flops
In the third submode, multiplier submode, a single
PFU can affect a 4 x 1-bit multiply and sum with a par-
tial product (see Figure 11). The multiplier bit is input at
A4, and the multiplicand bits are input at B[3:0], where
B3 is the most significant bit (MSB). A[3:0] contains the
partial product (or other input to be summed) from a
previous stage. If A4 is logical 1, the multiplicand is
added to the partial product. If A4 is logical zero, zero is
added to the partial product, which is the same as
passing the partial product. CIN can hold the carry-in
from the less significant PFUs if the multiplicand is
wider than 4 bits, and COUT holds any carry-out from
the addition, which may then be used as part of the
product or routed to another PFU in multiplier mode for
multiplicand width expansion.
Figure 11. Multiplier Submode
Ripple mode’s fourth submode features equality
comparators, where one 4-bit bus is input on B[3:0],
another 4-bit bus is input on B[3:0], and the carry-in is
tied to 0 inside the PFU. The carry-out (¦) signal will be
0 if A = B or will be 1 if A ¦ B. If larger than 4 bits, the
carry-out (¦) signal can be cascaded using fast-carry
logic to the carry-in of any adjacent PFU. Comparators
for greater than or equal or less than (>, =, <) continue
to be supported using the ripple mode subtractor. The
use of this submode could be shown using Figure 9
with CIN tied to 0.
DQ
COUT
LUT
A3
QLUT3
F3
Q3
COUT
DQ
A2
QLUT2
F2
Q2
DQ
A1
QLUT1
F1
Q1
DQ
A0
QLUT0
F0
Q0
CIN
CIN
+
10
A3
B3
0
A4
COUT
F3
+
A2
B2
F2
+
A1
B1
F1
+
A0
B0
F0
CIN
10
0
10
0
10
0
5-4620(F)


Similar Part No. - OR2T40A-5M432I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
OR2T40A LATTICE-OR2T40A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
More results

Similar Description - OR2T40A-5M432I

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com