Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3B-06PA-2DSA(71) Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # A3B-06PA-2DSA(71)
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A3B-06PA-2DSA(71) Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button A3B-06PA-2DSA(71) Datasheet HTML 5Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 6Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 7Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 8Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 9Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 10Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 11Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 12Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
C18
A3 • A4 Series
2mm Pitch Miniature Connector
BPCB mounting pattern
●A3D Type
Unit: mm
Part Number
A3D-04DA-2DSE(71)
A3D-06DA-2DSE(71)
A3D-08DA-2DSE(71)
A3D-10DA-2DSE(71)
A3D-12DA-2DSE(71)
A3D-14DA-2DSE(71)
A3D-16DA-2DSE(71)
A3D-18DA-2DSE(71)
A3D-20DA-2DSE(71)
A3D-28DA-2DSE(71)
A3D-44DA-2DSE(71)
CL No.
621-0751-3-71
621-0752-6-71
621-0753-9-71
621-0754-1-71
621-0755-4-71
621-0756-7-71
621-0757-0-71
621-0758-2-71
621-0759-5-71
621-0763-2-71
621-0766-0-71
Number of Contacts
A
B
RoHS
4
6
8
10
12
14
16
18
20
28
44
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
28.0
44.0
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
26.0
42.0
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A3B-06PA-2DSA(71)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A3B-06PA-2DSA(71) HIROSE-A3B-06PA-2DSA(71) Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A3B-06PA-2DSA(71)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-10DA-2SV ETC2-A3-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3A-10DA-2SV ETC-A3A-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com