Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3959SLBTR-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3959SLBTR-T
Description  DMOS Full-Bridge PWM Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3959SLBTR-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3959SLBTR-T Datasheet HTML 1Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 2Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 3Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 4Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 5Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 6Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 7Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 8Page - Allegro MicroSystems A3959SLBTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DMOS Full-Bridge PWM Motor Driver
A3959
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Continued next page …
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Drivers
Load Supply Voltage Range
VBB
Operating
9.5
50
V
During sleep mode
0
50
V
Output Leakage Current
IDSS
VOUT = VBB
<1.0
20
μA
VOUT = 0 V
<-1.0
-20
μA
Output On Resistance
rDS(on)
Source driver, IOUT = -3 A
270
300
Sink driver, IOUT = 3 A
270
300
Crossover Delay
300
600
1000
ns
Body Diode Forward Voltage
VF
Source diode, IF = -3 A
1.6
V
Sink diode, IF = 3 A
1.6
V
Load Supply Current
IBB
fPWM < 50 kHz
4.0
7.0
mA
Charge pump on, outputs disabled
2.0
5.0
mA
Sleep mode
20
μA
Control Logic
Logic Supply Voltage Range
VDD
Operating
4.5
5.0
5.5
V
Logic Input Voltage
VIN(1)
2.0
V
VIN(0)
0.8
V
Logic Input Current
(all inputs except ENABLE)
IIN(1)
VIN = 2.0 V
<1.0
20
μA
IIN(0)
VIN = 0.8 V
<-2.0
-20
μA
Logic Supply Current
IDD
fPWM < 50 kHz
6.0
10
mA
Sleep mode
2.0
mA
ENABLE Input Current
IIN(1)
VIN = 2.0 V
40
100
μA
IIN(0)
VIN = 0.8 V
16
40
μA
Internal OSC frequency
fOSC
ROSC shorted to GROUND
3.25
4.25
5.25
MHz
ROSC = 51 kΩ
3.65
4.25
4.85
MHz
Reference Input Volt. Range
VREF
Operating
0.0
VDD
V
Reference Input Current
IREF
VREF = VDD
±1.0
μA
Comparator Input Offset Voltage
VIO
VREF = 0 V
±5.0
mV
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 50 V, VDD = 5.0 V, VSENSE = 0.5 V,
fPWM < 50 kHz (unless noted otherwise)


Similar Part No. - A3959SLBTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3959SLB ALLEGRO-A3959SLB Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
More results

Similar Description - A3959SLBTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A3959 ALLEGRO-A3959_16 Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A3959SB ALLEGRO-A3959SB Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A4950_V3 ALLEGRO-A4950_V3 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3958 ALLEGRO-3958_02 Datasheet
171Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A4950 ALLEGRO-A4950 Datasheet
230Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3948 ALLEGRO-3948 Datasheet
146Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
3958 ALLEGRO-3958 Datasheet
176Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com