Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3959SLP-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A3959SLP-T
Description  DMOS Full-Bridge PWM Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3959SLP-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A3959SLP-T Datasheet HTML 3Page - Allegro MicroSystems A3959SLP-T Datasheet HTML 4Page - Allegro MicroSystems A3959SLP-T Datasheet HTML 5Page - Allegro MicroSystems A3959SLP-T Datasheet HTML 6Page - Allegro MicroSystems A3959SLP-T Datasheet HTML 7Page - Allegro MicroSystems A3959SLP-T Datasheet HTML 8Page - Allegro MicroSystems A3959SLP-T Datasheet HTML 9Page - Allegro MicroSystems A3959SLP-T Datasheet HTML 10Page - Allegro MicroSystems A3959SLP-T Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DMOS Full-Bridge PWM Motor Driver
A3959
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
VBB
24
23
22
21
28
27
26
25
20
17
16
15
NC
SENSE
SLEEP
NO
CONNECTION
OUTB
NC
LOAD SUPPLY
NC
OUTA
NO
CONNECTION
EXT MODE
REF
V
REG
1
2
3
4
5
8
9
12
11
14
13
10
GROUND
GROUND
GROUND
CP
CP2
CP1
PHASE
NC
NC
VDD
ENABLE
PFD2
BLANK
PFD1
LOGIC SUPPLY
ROSC
NC
NC
÷10
6
7
19
18
Terminal List
Package B (DIP)
PWM TIMER
÷10
VBB
24
23
22
21
20
19
18
17
16
15
14
13
GROUND
GROUND
SLEEP
VREG
OUTB
LOAD
SUPPLY
SENSE
OUTA
EXT MODE
REF
Dwg. PP-069-5A
1
2
3
4
5
6
7
8
9
12
11
10
9
GROUND
GROUND
CP
CP2
CP1
PHASE
VDD
LOGIC
SUPPLY
ENABLE
PFD2
BLANK
PFD1
ı θ
ROSC
CHARGE PUMP
GROUND
GROUND
Package LB (SOIC)
VBB
24
23
22
21
20
17
16
15
14
13
GROUND
GROUND
SLEEP
NO
CONNECTION
OUTB
LOAD SUPPLY
SENSE
OUTA
NO
CONNECTION
EXT MODE
REF
VREG
Dwg. PP-069-4
1
2
3
4
5
8
9
12
11
10
GROUND
GROUND
CP
CP2
CP1
PHASE
VDD
ENABLE
PFD2
BLANK
PFD1
LOGIC SUPPLY
ROSC
NC
NC
÷10
6
7
19
18
Package LP (TSSOP)
Terminal Name
Terminal Description
B (DIP)
LB (SOIC)
LP (TSSOP)
CP
Reservoir capacitor (typically 0.22 μF)
24
1
1
CP1 & CP2
The charge pump capacitor (typically 0.22 μF)
1 & 2
2 & 3
2 & 3
NC
No (internal) connection
4
PHASE
Logic input for direction control
3
4
5
ROSC
Oscillator resistor
4
5
6
GROUND
Grounds
5, 6, 7, 8*
6, 7
7, 8*
LOGIC SUPPLY
VDD, the low voltage (typically 5 V) supply
9
8
9
ENABLE
Logic input for enable control
10
9
10
NC
No (internal) connection
11
PFD2
Logic-level input for fast decay
11
10
12
BLANK
Logic-level input for blanking control
12
11
13
PFD1
Logic-level input for fast decay
13
12
14
REF
VREF, the load current reference input voltage
14
13
15
EXT MODE
Logic input for PWM mode control
15
14
16
NO CONNECT
No (Internal) connection
15
17
OUTA
One of two DMOS bridge outputs to the motor
16
16
18
NC
No (internal) connection
19, 20
SENSE
Sense resistor
17
17
21
NC
No (internal) connection
22
GROUND
Grounds
18, 19*
18, 19
LOAD SUPPLY
VBB, the high-current, 9.5 V to 50 V, motor supply
20
20
23
OUTB
One of two DMOS bridge outputs to the motor
21
21
24
NO CONNECT
No (Internal) connection
22
25
SLEEP
Logic-level Input for sleep operation
22
23
26
VREG
Regulator decoupling capacitor (typically 0.22 μF)
23
24
27
GROUND
Ground
28*
* For the B (DIP) package only, there is an indeterminate resistance between the substrate grounds (pins 6, 7, 18, and 19) and the grounds at pins 5
and 8. Pins 5 and 8, and 6, 7, 18, or 19 must be connected together externally. For the LP (TSSOP) package, the grounds at terminals 7, 8, and 28
should be connected together at the exposed pad beneath the device.


Similar Part No. - A3959SLP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3959SLP-T ALLEGRO-A3959SLP-T Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
More results

Similar Description - A3959SLP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A3959 ALLEGRO-A3959_16 Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A3959SB ALLEGRO-A3959SB Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A4950_V3 ALLEGRO-A4950_V3 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3958 ALLEGRO-3958_02 Datasheet
171Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A4950 ALLEGRO-A4950 Datasheet
230Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3948 ALLEGRO-3948 Datasheet
146Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
3958 ALLEGRO-3958 Datasheet
176Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com